Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA355UA/2K5 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA355UA/2K5
Description  200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA355UA/2K5 Datasheet(HTML) 3 Page - Texas Instruments

  OPA355UA/2K5 Datasheet HTML 1Page - Texas Instruments OPA355UA/2K5 Datasheet HTML 2Page - Texas Instruments OPA355UA/2K5 Datasheet HTML 3Page - Texas Instruments OPA355UA/2K5 Datasheet HTML 4Page - Texas Instruments OPA355UA/2K5 Datasheet HTML 5Page - Texas Instruments OPA355UA/2K5 Datasheet HTML 6Page - Texas Instruments OPA355UA/2K5 Datasheet HTML 7Page - Texas Instruments OPA355UA/2K5 Datasheet HTML 8Page - Texas Instruments OPA355UA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
OPA355, 2355, 3355
SBOS195D
3
www.ti.com
ELECTRICAL CHARACTERISTICS: V
S = +2.7V to +5.5V Single-Supply
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, RF = 604Ω, RL = 150Ω, and connected to VS/2, unless otherwise noted.
OPA355
OPA2355
OPA3355
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VOS
VS = +5V
±2
±9mV
Specified Temperature Range
±15
mV
vs Temperature
dVOS/dT
Specified Temperature Range
±7
µV/°C
vs Power Supply
PSRR
VS = +2.7V to +5.5V, VCM = VS/2 – 0.15V
±80
±350
µV/V
INPUT BIAS CURRENT
Input Bias Current
IB
3
±50
pA
Input Offset Current
IOS
±1
±50
pA
NOISE
Input Noise Voltage Density
en
f = 1MHz
5.8
nV/√Hz
Current Noise Density
in
f = 1MHz
50
fA/√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V–) – 0.1
(V+) – 1.5
V
Common-Mode Rejection Ratio
CMRR
VS = +5.5V, –0.1V < VCM < +4.0V
66
80
dB
Specified Temperature Range
66
dB
INPUT IMPEDANCE
Differential
1013 || 1.5
Ω || pF
Common-Mode
1013 || 1.5
Ω || pF
OPEN-LOOP GAIN
VS = +5V, 0.3V < VO < 4.7V
84
92
dB
OPA355
VS = +5V, 0.3V < VO < 4.7V
80
dB
OPA2355, OPA3355
VS = +5V, 0.4V < VO < 4.6V
80
dB
FREQUENCY RESPONSE
Small-Signal Bandwidth
f–3dB
G = +1, VO = 100mVp-p, RF = 0Ω
450
MHz
f–3dB
G = +2, VO = 100mVp-p, RL = 50Ω
100
MHz
f–3dB
G = +2, VO = 100mVp-p, RL = 150Ω
170
MHz
f–3dB
G = +2, VO = 100mVp-p, RL = 1kΩ
200
MHz
Gain-Bandwidth Product
GBW
G = +10, RL = 1kΩ
200
MHz
Bandwidth for 0.1dB Gain Flatness
f0.1dB
G = +2, VO = 100mVp-p, RF = 560Ω
75
MHz
Slew Rate
SR
VS = +5V, G = +2, 4V Output Step
300/–360
V/
µs
Rise-and-Fall Time
G = +2, VO = 200mVp-p, 10% to 90%
2.4
ns
G = +2, VO = 2Vp-p, 10% to 90%
8
ns
Settling Time, 0.1%
VS = +5V, G = +2, 2V Output Step
30
ns
0.01%
VS = +5V, G = +2, 2V Output Step
120
ns
Overload Recovery Time
VIN • Gain = VS
8ns
Harmonic Distortion
2nd-Harmonic
G = +2, f = 1MHz, VO = 2Vp-p, RL = 200Ω
–81
dBc
3rd-Harmonic
G = +2, f = 1MHz, VO = 2Vp-p, RL = 200Ω
–93
dBc
Differential Gain Error
NTSC, RL = 150Ω
0.02
%
Differential Phase Error
NTSC, RL = 150Ω
0.05
degrees
Channel-to-Channel Crosstalk
OPA2355
f = 5MHz
–90
dB
OPA3355
f = 5MHz
–70
dB
OUTPUT
Voltage Output Swing from Rail
VS = +5V, RL = 150Ω, AOL > 84dB
0.2
0.3
V
Voltage Output Swing from Rail
VS = +5V, RL = 1kΩ
0.1
V
Output Current, Continuous(1)
IO
±60
mA
Output Current, Peak(1)
IO
VS = +5V
±100
mA
Output Current, Peak(1)
IO
VS = +3V
±80
mA
Closed-Loop Output Impedance
f < 100kHz
0.02
Ω
POWER SUPPLY
Specified Voltage Range
VS
2.7
5.5
V
Operating Voltage Range
2.5 to 5.5
V
Quiescent Current (per amplifier)
IQ
VS = +5V, Enabled, IO = 0
8.3
11
mA
Specified Temperature Range
14
mA
NOTES: (1) See typical characteristic
Output Voltage Swing vs Output Current. (2) Logic LOW and HIGH levels are CMOS logic compatible. They are referenced to V–.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com