Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA355UA/2K5 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA355UA/2K5
Description  200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA355UA/2K5 Datasheet(HTML) 5 Page - Texas Instruments

  OPA355UA/2K5 Datasheet HTML 1Page - Texas Instruments OPA355UA/2K5 Datasheet HTML 2Page - Texas Instruments OPA355UA/2K5 Datasheet HTML 3Page - Texas Instruments OPA355UA/2K5 Datasheet HTML 4Page - Texas Instruments OPA355UA/2K5 Datasheet HTML 5Page - Texas Instruments OPA355UA/2K5 Datasheet HTML 6Page - Texas Instruments OPA355UA/2K5 Datasheet HTML 7Page - Texas Instruments OPA355UA/2K5 Datasheet HTML 8Page - Texas Instruments OPA355UA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
OPA355, 2355, 3355
SBOS195D
5
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = 5V, G = +2, RF = 604Ω, and RL = 150Ω connected to VS/2, unless otherwise noted.
NONINVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (Hz)
10M
1M
100M
1G
100k
6
3
0
–3
–6
–9
–12
–15
V
O = 0.1Vp-p
G = +2
G = +5
G = +10
G = +1
R
F = 0
INVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (Hz)
10M
1M
100M
1G
100k
3
0
–3
–6
–9
–12
–15
V
O = 0.1Vp-p
G = –1
G = –5
G = –10
G = –2
NON-INVERTING SMALL-SIGNAL
STEP RESPONSE
Time (20ns/div)
G = +2
NONINVERTING LARGE-SIGNAL
STEP RESPONSE
Time (20ns/div)
G = +2
LARGE-SIGNAL DISABLE/ENABLE
RESPONSE
Time (200ns/div)
4.5
3.5
2.5
1.5
0.5
Enabled
Disabled
V
OUT
f
IN = 5MHz
0.1dB GAIN FLATNESS FOR VARIOUS R
F
Frequency (MHz)
10
100
1
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
V
O = 0.1Vp-p
C
L = 0pF
R
F = 604Ω
R
F = 560Ω
R
F = 500Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com