Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3945 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3945
Description  Battery Charge Management System
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3945 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LP3945 Datasheet HTML 7Page - National Semiconductor (TI) LP3945 Datasheet HTML 8Page - National Semiconductor (TI) LP3945 Datasheet HTML 9Page - National Semiconductor (TI) LP3945 Datasheet HTML 10Page - National Semiconductor (TI) LP3945 Datasheet HTML 11Page - National Semiconductor (TI) LP3945 Datasheet HTML 12Page - National Semiconductor (TI) LP3945 Datasheet HTML 13Page - National Semiconductor (TI) LP3945 Datasheet HTML 14Page - National Semiconductor (TI) LP3945 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Application Notes (Continued)
NI-MH MODE (LP3945 ONLY)
Programming the “mode” bit to HIGH sets the LP3945 to
Ni-MH mode and charges the battery in constant voltage
mode until the battery voltage reaches 5.4V. Since each cell
of the Ni-MH is 1.25V when fully charged, the LP3945 can
only charge exactly four cells. Charging is terminated by the
system micro-controller timer by monitoring the charge cur-
rent. The system micro-controller reads the charge current
value from the Diff Amp output. Charge current in Ni MH can
be programed as in Li Ion mode, from 950 mA to 500 mA in
50 mA step. The 5.6 hr timer is disabled in Ni-MH mode.
I
2C INTERFACE (LP3945 ONLY)
I
2C interface is used in the LP3945 to program various
parameters as shown in Table 3. The LP3945 operates on
default settings during power up. Once programmed, the
LP3945 retains the register data as long as the battery
voltage is above 2.85V. Table 4 shows the charge current
and EOC current programming code.
Figures 7, 8 display I
2C read/write format.
TABLE 3. LP3945 Serial Port Communication Address Code
7h'45
LP3945 Control and Data Codes
Addrs
Register
7
6
5
4
3
2
1
0
8'h00
Charger
Register −1
Mode
(0) = Li-Ion
1 = Ni-MH
Batt Voltage
(0) = 4.1V
1 = 4.2V
Charger
Current
Code 3
(0)
Charger
Current
Code 2
(0)
Charger
Current
Code 1
(0)
Charger
Current
Code 0
(0)
8'h01
Charger
Register −2
EOC
(Green LED)
R/O
Charging
(Red LED)
R/O
EOC Sel −1
(0)
EOC Sel −0
(1)
Numbers in parentheses indicate default setting. “0” bit is set to low state, and “1” bit is set to high state. R/O — Read Only. All other bits are Read and Write.
TABLE 4. Charger Current and EOC Current Programming Code
Data Code
Charger Current Selection
Code I
SET (mA)
Data Code
End of Charge Current
Selection Code
4h'00
500
4h'01
550
2h’1
0.1C
4h'02
600
2h’2
0.15C
4h'03
650
2h’3
0.2C
4h'04
700
4h'05
750
4h'06
800
4h'07
850
4h'08
900
4h'09
950
20066517
w = write (sda = “0”)
r = read (sda = “1”)
ack = acknowledge (sda pulled down by either master or slave)
rs = repeated start
FIGURE 7. LP3945 (Slave) Register Write
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com