Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3945 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3945
Description  Battery Charge Management System
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3945 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP3945 Datasheet HTML 1Page - National Semiconductor (TI) LP3945 Datasheet HTML 2Page - National Semiconductor (TI) LP3945 Datasheet HTML 3Page - National Semiconductor (TI) LP3945 Datasheet HTML 4Page - National Semiconductor (TI) LP3945 Datasheet HTML 5Page - National Semiconductor (TI) LP3945 Datasheet HTML 6Page - National Semiconductor (TI) LP3945 Datasheet HTML 7Page - National Semiconductor (TI) LP3945 Datasheet HTML 8Page - National Semiconductor (TI) LP3945 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LP3945/LP3946 LLP14 Package Drawing
20066503
(TOP VIEW)
See NS Package Number LDA14A
LP3945/LP3946 Pin Description
Pin #
LP3945
LP3946
Description
1
EN
EN
Charger Enable Input. Internally pulled high to CHG-IN pin.
2
SCL
GND
Serial Interface Clock Input for LP3945. Ground in LP3946.
3
SDA
GND
Serial Interface DATA Input/Output for LP3945. Ground in LP3946.
4
BATT
BATT
Battery supply input terminal. Must have 10 µF ceramic capacitor to GND.
5V
BG
V
BG
Bandgap Voltage Reference (1.225V). Factory test point. Must be left floating.
6VB
SENSE
VB
SENSE
Battery Voltage Sense connected to the + terminal of the battery.
7
GND
GND
Digital Ground
8
Diff-Amp
Diff-Amp
Charge current monitoring differential amplifier output. Voltage output representation
of the charge current.
9
BIPB
BIPB
Battery in Place Bar. Input signal to indicate presence/absence of the battery.
Internally pulled high to CHG-IN. Pulled low by the Battery ID resistor. Absence of
the ID resistor (BIPB signal high) indicates no battery. Pulling BIPB pin high sets the
device to LDO mode.
10
EOC
EOC
Active Low Open Drain Output to drive Green LED. Active when wall adaptor is
connected and battery is fully charged. Regardless of the battery chemistry, this
signal is available whenever a battery is attached.
11
GND
GND
Analog Ground
12
CHG
CHG
Active Low Open Drain Output to drive Red LED. Active when wall adaptor is
connected and battery is being charged. Regardless of the battery chemistry, this
signal is available whenever a battery is attached.
13
StopModeEN
StopModeEN
For normal operation, this pin must be left floating. Pulling this pin to ground will
bypass the 5.6 Hrs safety timer in constant current mode. See "StopModeEN PIN"
Section for more detail.
WARNING! Disabling the timer is not a recommended operating condition
since it disables the safety timer function. User must provide protection
against continuously charging a defective battery.
14
CHG-IN
CHG-IN
Charger input from a regulated, current limited power source. Must havea1µF
ceramic capacitor to GND.
Ordering Information
LP3945 supplied as 1000 units Tape and Reel
LP3945 supplied as 4500 units Tape and Reel
Package Marking
LP3945ILD
LP3945ILDX
L00011B
LP3946 supplied as 1000 units Tape and Reel
LP3946 supplied as 4500 units Tape and Reel
Package Marking
LP3946ILD
LP3946ILDX
L00030B
The LP3946 has default values of I
CHG=500mA, VBATT=4.1V and EOC=0.1C. For other default options, please contact National
Semiconductor Sales Office.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com