Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8833 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF8833
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8833 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF8833 Datasheet HTML 10Page - NXP Semiconductors PCF8833 Datasheet HTML 11Page - NXP Semiconductors PCF8833 Datasheet HTML 12Page - NXP Semiconductors PCF8833 Datasheet HTML 13Page - NXP Semiconductors PCF8833 Datasheet HTML 14Page - NXP Semiconductors PCF8833 Datasheet HTML 15Page - NXP Semiconductors PCF8833 Datasheet HTML 16Page - NXP Semiconductors PCF8833 Datasheet HTML 17Page - NXP Semiconductors PCF8833 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 112 page
background image
2003 Feb 14
14
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
Notes
1. These values can be set by the module maker. If the factory defaults OTP bit EFD have been set, the value cannot
be changed via the interface. Otherwise, the OTP data will be used if SFD is set to logic 1, which is the reset state.
2. Calibration mode may not be entered if the SEAL bit has been set. Programming is only possible when in Calibration
mode.
xs[7:0]
x address start
2DEC
xe[7:0]
x address end
129DEC
ys[7:0]
y address start
2DEC
ye[7:0]
y address end
129DEC
RGBSET
256 to 4 kbyte colour LUT
see Section 6.2.22
AA1S[7:0]
partial area start address
0DEC
AA1E[7:0]
partial area end address
31DEC
TF[7:0]
top fixed area
0DEC
SA[7:0]
scroll area
130DEC
BF[7:0]
bottom fixed area
0DEC
SEP[7:0]
scroll entry point
0DEC
P[2:0]
interface pixel format is 12-bit/pixel
011
VPR[8:0]
programming of VLCD2 voltage; note 1
257DEC
S[1:0]
charge pump multiplication factor; note 1
11
SLA[2:0]
select slope for segment A; note 1
100
SLB[2:0]
select slope for segment B; note 1
011
SLC[2:0]
select slope for segment C; note 1
101
SLD[2:0]
select slope for segment D; note 1
111
DFA[6:0]
frame frequency for segment A is 80 Hz; note 1
56DEC
DFB[6:0]
frame frequency for segment B is 130 Hz; note 1
35DEC
DFC[6:0]
frame frequency for segment C is 150 Hz; note 1
30DEC
DFD[6:0]
frame frequency for segment D is 180 Hz; note 1
25DEC
DF8[6:0]
frame frequency for 8-colour mode is 130 Hz; note 1
35DEC
VB[3:0]
bias system is F/Gmax = 2.5; note 1
1011
NLI[7:0]
inversion is after 19 time slots (76 rows in Full mode); note 1
19DEC
VCON[6:0]
no contrast setting is set (twos complement number); note 1
0DEC
SFD
OTP programmed data is used; note 1
1
CALMM
not in Calibration mode
0
OPE
disable OTP programming voltage; note 2
0
ORA[2:0]
OTP row address selection
000
COMMAND
DESCRIPTION
RESET STATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com