Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8833 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCF8833
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8833 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCF8833 Datasheet HTML 16Page - NXP Semiconductors PCF8833 Datasheet HTML 17Page - NXP Semiconductors PCF8833 Datasheet HTML 18Page - NXP Semiconductors PCF8833 Datasheet HTML 19Page - NXP Semiconductors PCF8833 Datasheet HTML 20Page - NXP Semiconductors PCF8833 Datasheet HTML 21Page - NXP Semiconductors PCF8833 Datasheet HTML 22Page - NXP Semiconductors PCF8833 Datasheet HTML 23Page - NXP Semiconductors PCF8833 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 112 page
background image
2003 Feb 14
20
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
6.2.8
SLEEP_IN
By sending the Sleep_IN command, the PCF8833
immediately enters the Power-down mode, also referred to
as the Sleep mode. In the Sleep mode the output voltages
of all LCD driver pins (rows and columns) are at VSS1
(ground, all pixels are in off state), and the LCD supply
generation circuit and the oscillator are switched off. The
Sleep_IN command does not change the state of the
DISPON/DISPOFF and BSTRON/BSTROFF commands,
but has the same effect as DISPOFF and BSTROFF;
see Table 17.
While in Sleep_IN mode all commands and data can be
sent and will be executed as in the Sleep_OUT state,
except some OTP related commands and temperature
readout related commands. In the Sleep_IN mode no
effect on the display can be seen.
The Sleep_IN mode is exited by command Sleep_OUT;
see Section 6.2.9.
Table 16 Sleep_IN register bits
Table 17 Sleep_IN/OUT and BSTR_ON/OFF combination
Note
1. Booster is the built-in DC-to-DC converter also called voltage multiplier or charge pump.
D/C
76543210
DEFAULT
000010000
10H
BSTER_ON/BSTER_OFF
Sleep_IN/Sleep_OUT
Booster(1)
ON
ON
ON
ON
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
6.2.9
SLEEP_OUT
This command must be sent to allow the PCF8833 to
power-up (see Fig.4).
DISPON and BSTRON are set with a reset, the PCF8833
will start-up with Sleep_OUT following the built-in start-up
sequence which generates the requested voltages and
switches on the display, unless DISPOFF and/or
BSTROFF was sent after the last reset.
For the effects of possible combinations of commands
Sleep_IN/Sleep_OUT and BSTRON/BSTROFF; see
Table 17.
Figure 4 illustrates the flow when sending the Sleep_OUT
command. The display is only switched on, when the
internally generated voltage VLCD2 is high enough.
This time is self adapting and therefore dependent on
application conditions:
• It is longer for:
– Low VDD2
– Higher resistors in supply wires and/or external
capacitors
– Higher external capacitors
– Higher required VLCD2 voltage.
• Some other conditions, which may affect start-up time
are:
– Partial/full mode
– Selected bias system
– Temperature
– Selected temperature coefficients.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com