Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA693ID Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA693ID
Description  Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA693ID Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA693ID Datasheet HTML 17Page - Texas Instruments OPA693ID Datasheet HTML 18Page - Texas Instruments OPA693ID Datasheet HTML 19Page - Texas Instruments OPA693ID Datasheet HTML 20Page - Texas Instruments OPA693ID Datasheet HTML 21Page - Texas Instruments OPA693ID Datasheet HTML 22Page - Texas Instruments OPA693ID Datasheet HTML 23Page - Texas Instruments OPA693ID Datasheet HTML 24Page - Texas Instruments OPA693ID Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
OPA693
21
SBOS285A
www.ti.com
Minimizing the resistance seen by the noninverting input will
minimize the output DC error. For improved DC precision in
a wideband low-gain amplifier, consider the OPA842 where
a bipolar input is acceptable (low source resistance) or the
OPA656 where a JFET input is required.
DISABLE OPERATION
The OPA693 provides an optional disable feature that can be
used to reduce system power. If the V
DIS control pin is left
unconnected, the OPA693 will operate normally. This shut-
down is intended only as a power-savings feature. Forward
path isolation when disabled is very good for small signals for
gains of +1 or +2. Large-signal isolation is not ensured. Using
this feature to multiplex two or more outputs together is not
recommended. Large signals applied to the disabled output
stages can turn on parasitic devices degrading signal linear-
ity for the desired channel.
Turn-on time is very quick from the shutdown condition,
typically < 60ns. Turn-off time is strongly dependent on the
selected gain configuration and load, but is typically 3
µs for
the circuit of Figure 1.
To shutdown, the control pin must be asserted low. This logic
control is referenced to the positive supply, as shown in the
simplified circuit of Figure 15.
The shutdown feature for the OPA693 is a positive supply
referenced, current-controlled, interface. Open collector (or
drain) interfaces are most effective, as long as the controlling
logic can sustain the resulting voltage (in the open mode)
that will appear at the V
DIS pin. That voltage will be one diode
below the positive supply voltage applied to the OPA693. For
voltage output logic interfaces, the on/off voltage levels
described in the Electrical Characteristics apply only for a
+5V positive supply on the OPA693. An open-drain interface
is recommended for shutdown operation using a higher
positive supply for the OPA693 and/or logic families with
inadequate high-level voltage swings.
THERMAL ANALYSIS
The OPA693 does not require heatsinking or airflow in most
applications. Maximum desired junction temperature sets the
maximum allowed internal power dissipation as described
here. In no case should the maximum junction temperature
be allowed to exceed 150
°C.
Operating junction temperature (TJ) is given by TA + PD × θJA.
The total internal power dissipation (PD) is the sum of
quiescent power (PDQ) and additional power dissipated in the
output stage (PDL) to deliver load power. Quiescent power is
simply the specified no-load supply current times the total
supply voltage across the part. PDL will depend on the
required output signal and load but would, for a grounded
resistive load, be at a maximum when the output is fixed at
a voltage equal to 1/2 either supply voltage (for equal bipolar
supplies). Under this worst-case condition, PDL = VS2/(4 × RL)
where RL includes feedback network loading. This is the
absolute highest power that can be dissipated for a given RL.
All actual applications will dissipate less power in the output
stage.
Note that it is the power in the output stage and not into the
load that determines internal power dissipation.
As a worst-case example, compute the maximum TJ using an
OPA693IDBV (SOT23-6 package) in the circuit of Figure 1
operating at the maximum specified ambient temperature of
+85
°C and driving a grounded 100Ω load. Maximum internal
power is:
PD = 10V × 14.1mA + 52 /(4 × (100Ω+|| 600Ω)) = 214mW
Maximum TJ = +85°C + (0.21W × 150°C/W) = 117°C.
All actual applications will operate at a lower junction tem-
perature than the 117
°C computed above. Compute your
actual output stage power to get an accurate estimate of
maximum junction temperature, or use the results shown
here as an absolute maximum.
25k
Ω
110k
Ω
15k
Ω
I
S
Control
–V
S
+V
S
V
DIS
Q1
Figure 15. Simplified Disable Control Circuit.
In normal operation, base current to Q1 is provided through
the 110k
Ω resistor while the emitter current through the 15kΩ
resistor sets up a voltage drop that is inadequate to turn on
the two diodes in Q1’s emitter. As V
DIS is pulled LOW,
additional current is pulled through the 15k
Ω, eventually
turning on these two diodes (
≈80µA). At this point, any further
current pulled out of V
DIS goes through those diodes holding
the emitter-base voltage of Q1 at approximately 0V. This
shuts off the collector current out of Q1, turning the amplifier
off. The supply current in the shutdown mode is only that
required to operate the circuit of Figure 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com