Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA693ID Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA693ID
Description  Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA693ID Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA693ID Datasheet HTML 9Page - Texas Instruments OPA693ID Datasheet HTML 10Page - Texas Instruments OPA693ID Datasheet HTML 11Page - Texas Instruments OPA693ID Datasheet HTML 12Page - Texas Instruments OPA693ID Datasheet HTML 13Page - Texas Instruments OPA693ID Datasheet HTML 14Page - Texas Instruments OPA693ID Datasheet HTML 15Page - Texas Instruments OPA693ID Datasheet HTML 16Page - Texas Instruments OPA693ID Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
OPA693
13
SBOS285A
www.ti.com
TYPICAL CHARACTERISTICS: V
S = +5V (Cont.)
At TA = +25°C, G = +2, and RL = 100Ω to VS/2, unless otherwise specified.
−55
−60
−65
−70
−75
−80
−85
−90
−95
0.5
1
10
50
Frequency (MHz)
HARMONIC DISTORTION vs FREQUENCY
G = +2
R
L = 100Ω
V
O = 2VPP
2nd Harmonic
3rd Harmonic
See Figure 4
−55
−60
−65
−70
−75
−80
−85
−90
−95
0.1
1
3
Output Voltage (V
PP)
HARMONIC DISTORTION vs OUTPUT VOLTAGE
G = +2
R
L = 100Ω
f = 10MHz
2nd Harmonic
3rd Harmonic
See Figure 4
−55
−60
−65
−70
−75
−80
−85
−90
−95
50
100
500
Load Resistance (
Ω)
HARMONIC DISTORTION
vs LOAD RESISTANCE
See Figure 4
G = +2
f = 10MHz
2nd Harmonic
3rd Harmonic
50
45
40
35
30
25
20
15
10
2-TONE, 3RD-ORDER
INTERMODULATION INTERCEPT
Frequency (MHz)
0
25
50
75
100
125
150
175
200
OPA693
50
Ω
P
I
+5V
P
O
50
Ω
R
F
300
Ω
50
Ω
R
G
300
Ω
1k
Ω
1k
Ω
OPA693
P
I
+5V
P
O
500
Ω
R
F
300
Ω
50
Ω
R
G
300
Ω
1k
Ω
1k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com