Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8833U/2DA Datasheet(PDF) 72 Page - NXP Semiconductors

Part # PCF8833U/2DA
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8833U/2DA Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button PCF8833U/2DA Datasheet HTML 68Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 69Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 70Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 71Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 72Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 73Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 74Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 75Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 112 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
9.2
Read mode
The Read mode of the serial interface means that the microcontroller reads data from the PCF8833. The PCF8833 can send data back to the
microcontroller in two different ways. The serial bus protocol for the RDID1, RDID2, RDID3 and RDTEMP commands is illustrated in Fig.46. Descriptions
of these commands are given in Section 6.2. After a command has been issued, a byte is transmitted in the opposite direction (using SDOUT). In order
to reach the timing characteristics as given in Chapter 13 data bit b7 must be handled as a don’t care. When the speed of the clock is slowed down to
at least half of maximum speed, at least for reading b7, the reading of data bit b7 is valid.
The PCF8833 samples the SDIN data at rising SCLK edges, but shifts SDOUT data at falling SCLK edges. Thus the microcontroller is supposed to
read SDOUT data at rising SCLK edges.
After the read command has been sent, the SDIN line must be set to 3-state not later than the falling SCLK edge of the last bit (see Fig.46).
When using the RDDIDIF (see Section 6.2.6) or RDDST (see Section 6.2.7) commands the PCF8833 sends 24 or 32 data bits respectively back to the
microcontroller. The serial bus protocols for the RDDIDIF and RDDST commands are illustrated in Figs. 47 and 48. After one of these commands has
been sent 3 or 4 bytes respectively are transmitted in the opposite direction (using SDOUT) after one dummy clock cycle is given.
The 8th read bit is shorter than the others because it is terminated by the rising SCLK edge; see Figs 46, 47 and 48. The last rising SCLK edge sets
SDOUT to 3-state.
The serial interface timing diagram is illustrated in Fig.51. For the dummy read cycle the time tACC is referenced to the rising edge of the SCLK signal.
SCLK
SCE
SDIN
SDOUT
MGU962
P
S
TB
TB
TB
b6
b7
b5
b4
b3
b2
b1
b0
DC
b6
b7
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
DC
Fig.46 Serial bus protocol, Read mode (PS[2:0] = XX0) for RDID1,RDID2, RDID3 and RDTEMP commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com