Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8833U/2DA Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF8833U/2DA
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8833U/2DA Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF8833U/2DA Datasheet HTML 20Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 21Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 22Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 23Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 24Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 25Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 26Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 27Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 112 page
background image
2003 Feb 14
24
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
6.2.15
ALL PIXELS ON
The All pixels on command (DAL) can be switched off by
sending the normal display on command (NORON); (see
Section 6.2.11) or by sending the partial Display mode on
command (PTLON); see Section 6.2.10. Furthermore DAL
is left with the command DALO; see Section 6.2.14. When
DAL is active all pixels are driven, as if the display RAM
was filled with all ones (on-state). DAL does not change
the data stored in the display RAM.
When sending DAL after PTLON, only the pixels of the
partial area are driven on. When sending INVON in Partial
mode only the pixels of the partial area are inverted.
INVON is over-ruled by DAL and DALO. Pixels outside the
partial are always off. Figure 6 illustrates how DAL (all
pixels on) and DALO (all pixels off) can be used.
All pixels will be switched on regardless of the display data
RAM.
Table 24 All pixels on register bits
D/C
76543210
DEFAULT
000100011
23H
handbook, full pagewidth
MGU915
Sleep_OUT
display on
all pixel on/off
booster on
Initial state (1)
effect in
full display mode
effect in
partial display mode
send SEP
exit pixel on/off
send DAL/DALO
all pixel on/off
send DAL/DALO
all pixel on/off
send PTLON
exit pixel on/off
send NORON
exit pixel on/off
scroll mode on
normal display
partial mode on
Fig.6 Flowchart representation of DAL and DALO.
(1) If the initial state is Sleep_IN, the same sequence is valid, but Sleep_OUT has to be sent to see the effect on the display (after display voltage
has settled).
When sending DAL after PTLON, only the pixels of partial area are driven on. When sending INVON, in Partial mode only the pixels of partial area
are inverted. INVON is over-ruled by DAL and DALO. Pixels outside partial area always stay off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com