Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90C031B Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C031B
Description  LVDS Quad CMOS Differential Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C031B Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS90C031B Datasheet HTML 1Page - National Semiconductor (TI) DS90C031B Datasheet HTML 2Page - National Semiconductor (TI) DS90C031B Datasheet HTML 3Page - National Semiconductor (TI) DS90C031B Datasheet HTML 4Page - National Semiconductor (TI) DS90C031B Datasheet HTML 5Page - National Semiconductor (TI) DS90C031B Datasheet HTML 6Page - National Semiconductor (TI) DS90C031B Datasheet HTML 7Page - National Semiconductor (TI) DS90C031B Datasheet HTML 8Page - National Semiconductor (TI) DS90C031B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DS90C031B
LVDS Quad CMOS Differential Line Driver
General Description
The DS90C031B is a quad CMOS differential line driver de-
signed for applications requiring ultra low power dissipation
and high data rates. The device is designed to support data
rates in excess of 155.5 Mbps (77.7 MHz) utilizing Low Volt-
age Differential Signaling (LVDS) technology.
The DS90C031B accepts TTL/CMOS input levels and trans-
lates them to low voltage (350 mV) differential output sig-
nals. In addition the driver supports a TRI-STATE® function
that may be used to disable the output stage, disabling the
load current, and thus dropping the device to an ultra low idle
power state of 11 mW typical.
In addition, the DS90C031B provides power-off high imped-
ance LVDS outputs. This feature assures minimal loading ef-
fect on the LVDS bus lines when V
CC is not present.
The DS90C031B and companion line receiver (DS90C032B)
provide a new alternative to high power pseudo-ECL devices
for high speed point-to-point interface applications.
Features
n >155.5 Mbps (77.7 MHz) switching rates
n High impedance LVDS outputs with power-off
n ±350 mV differential signaling
n Ultra low power dissipation
n 400 ps maximum differential skew (5V, 25˚C)
n 3.5 ns maximum propagation delay
n Industrial operating temperature range
n Pin compatible with DS26C31, MB571 (PECL) and
41LG (PECL)
n Conforms to ANSI/TIA/EIA-644 LVDS standard
n Offered in narrow and wide body SOIC package
n Fail-safe logic for floating inputs
Connection Diagram
Functional Diagram
Driver Truth Table
Enables
Input
Outputs
EN
EN*
D
IN
D
OUT+
D
OUT−
LH
X
Z
Z
All other combinations
L
L
H
of ENABLE inputs
H
H
L
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
Dual-In-Line
DS100989-1
Order Number
DS90C031BTM,
or DS90C031BTWM
See NS Package Number
M16A or M16B
DS100989-2
March 1999
© 1999 National Semiconductor Corporation
DS100989
www.national.com


Similar Part No. - DS90C031B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B Datasheet
249Kb / 11P
LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031B TI-DS90C031B Datasheet
1,007Kb / 19P
DS90C031B LVDS Quad CMOS Differential Line Driver
DS90C031B TI2-DS90C031B Datasheet
589Kb / 19P
DS90C031B LVDS Quad CMOS Differential Line Driver
REVISED MARCH 2013
logo
National Semiconductor ...
DS90C031BTM NSC-DS90C031BTM Datasheet
249Kb / 11P
LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031BTM TI1-DS90C031BTM Datasheet
1Mb / 19P
DS90C031B LVDS Quad CMOS Differential Line Driver
More results

Similar Description - DS90C031B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
LVDS Quad CMOS Differential Line Driver
DS90LV031A NSC-DS90LV031A Datasheet
181Kb / 11P
3V LVDS Quad CMOS Differential Line Driver
DS90LV031B NSC-DS90LV031B Datasheet
163Kb / 10P
3V LVDS Quad CMOS Differential Line Driver
MNDS90LV031A-X NSC-MNDS90LV031A-X Datasheet
191Kb / 9P
3V LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
LVDS Quad CMOS Differential Line Driver
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML Datasheet
369Kb / 20P
DS90C031QML LVDS Quad CMOS Differential Line Driver
DS90C031BTMX TI1-DS90C031BTMX Datasheet
1Mb / 19P
DS90C031B LVDS Quad CMOS Differential Line Driver
DS90C031BTMX TI-DS90C031BTMX Datasheet
1,007Kb / 19P
DS90C031B LVDS Quad CMOS Differential Line Driver
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com