Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL24-MS Datasheet(PDF) 7 Page - Formosa MS

Part # SL24-MS
Description  SMD Low VF Schottky Barrier Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SL24-MS Datasheet(HTML) 7 Page - Formosa MS

  SL24-MS Datasheet HTML 1Page - Formosa MS SL24-MS Datasheet HTML 2Page - Formosa MS SL24-MS Datasheet HTML 3Page - Formosa MS SL24-MS Datasheet HTML 4Page - Formosa MS SL24-MS Datasheet HTML 5Page - Formosa MS SL24-MS Datasheet HTML 6Page - Formosa MS SL24-MS Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Page 7
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
SL22-MS THRU SL24-MS
DS-12164G
2012/03/12
-
A
7
SMD
Rectifier
Low VF Schottky Barrier
1. Solder Resistance
2. Solderability
3. High Temperature Reverse Bias
4. Forward Operation Life
5. Intermittent Operation Life
6. Pressure Cooker
7. Temperature Cycling
8. Forward Surge
9. Humidity
10. High Temperature Storage Life
at 260 5
for 10 2sec.
immerse body into solder 1/16" 1/32"
at 245 5
for 5 sec.
V =80% rate at T =100
for 168 hrs.
Rated average rectifier current at T =25
for 500hrs.
T = 25 C, I = I
On state: power on for 5 min.
off state: power off for 5 min.
on and off for 500 cycles.
15P
at T =121
for 4 hrs.
-55
to +125
dwelled for 30 min.
and transferred for 5min. total 10 cycles.
8.3ms single half sine-wave , one surge.
at T =85
, RH=85% for 1000hrs.
at 175
for 1000 hrs.
±C
±
±
±C
C
C
C
CC
C
C
O
O
O
O
O
OO
O
O
RJ
A
AF
O
SIG
A
A
O
MIL-STD-750D
METHOD-2031
MIL-STD-202F
METHOD-208
MIL-STD-750D
METHOD-1038
MIL-STD-750D
METHOD-1027
MIL-STD-750D
METHOD-1036
MIL-STD-750D
METHOD-1051
MIL-STD-750D
METHOD-4066-2
MIL-STD-750D
METHOD-1021
MIL-STD-750D
METHOD-1031
JESD22-A102
Item Test
Conditions
Reference
High reliability test capabilities



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com