Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL24-MS Datasheet(PDF) 2 Page - Formosa MS

Part # SL24-MS
Description  SMD Low VF Schottky Barrier Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SL24-MS Datasheet(HTML) 2 Page - Formosa MS

  SL24-MS Datasheet HTML 1Page - Formosa MS SL24-MS Datasheet HTML 2Page - Formosa MS SL24-MS Datasheet HTML 3Page - Formosa MS SL24-MS Datasheet HTML 4Page - Formosa MS SL24-MS Datasheet HTML 5Page - Formosa MS SL24-MS Datasheet HTML 6Page - Formosa MS SL24-MS Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, l
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Features
• Tiny plastic SMD package.
ow forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
• Suffix "-H" indicates Halogen free parts, ex. SL22-ΜS-H
•
•
•
•
•
•
•
•
•
Page 2
Formosa MS
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Diode junction capacitance
Storage temperature
See Fig.2
8.3ms single half sine-wave (JEDEC methode)
f=1MHz and applied 4V DC reverse voltage
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
C
J
T
STG
A
A
mA
OC
pF
2.0
50
1.0
+175
-65
V
= V
T = 25 C
R
RRM
J
O
160
SL22-MS
SL24-MS
20
40
14
28
20
40
-55 to +100
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@I =2.0A
F
V
F
(V)
*4
0.40
0.38
(C)
O
Operating
temperature
T,
J
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
Maximum ratings and Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
2.0A
Surface Mount
Schottky Barrier Rectifiers - 20V-40V
Low VF
SL22-MS THRU SL24-MS
Mechanical data
Epoxy : UL94-V0 rated flame retardant
•
•
•
•
•
•
Case : Molded plastic, SOD-123S/MINI SMA
Terminals :Plated terminals, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.0155 gram
DS-12164G
2012/03/12
-
A
7
SMD
Rectifier
Low VF Schottky Barrier
Package outline
0.154(3.9)
0.138(3.5)
0.018(0.45) Typ.
0.079(2.0)
0.063(1.6)
0.040(1.00)
0.036(0.90)
0.032 (0.8) Typ.
0.032(0.8) Typ.
0.028(0.7)
0.044(1.1)
Dimensions in inches and (millimeters)
SOD-123S
0.009(0.22)
0.007(0.18)
0.119(3.0)
0.103(2.6)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com