Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z230B Datasheet(PDF) 7 Page - Formosa MS

Part # Z230B
Description  Zener Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

Z230B Datasheet(HTML) 7 Page - Formosa MS

  Z230B Datasheet HTML 1Page - Formosa MS Z230B Datasheet HTML 2Page - Formosa MS Z230B Datasheet HTML 3Page - Formosa MS Z230B Datasheet HTML 4Page - Formosa MS Z230B Datasheet HTML 5Page - Formosa MS Z230B Datasheet HTML 6Page - Formosa MS Z230B Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Page 7
High reliability test capabilities
1. Solder Resistance
2. Solderability
3. Pull Test
4. Bend Lead
5. High Temperature Reverse Bias
6. Pressure Cooker
7. Temperature Cycling
8. Thermal Shock
9. Humidity
10. High Temperature Storage Life
at 260±5
for 10±2sec.
immerse body into solder 1/16"±1/32"
o
at 245±5 C for 5 sec.
1kg in axial lead direction for 10 sec.
1kg weight applied to each lead bending
o
o
arc 90 ±5 for 3 times.
o
V =80% rate at T =150 C for 168 hrs.
R
J
o
15P
at T =121 C for 4 hrs.
SIG
A
o
o
-55 C to +125 C dwelled for 30 min.
and transferred for 5min. total 10 cycles.
o
o
0 C for 5 min. rise to 100 C for 5 min. total 10 cycles.
o
at T =85 C, RH=85% for 1000hrs.
A
o
at 175 C for 1000 hrs.
oC
MIL-STD-750D
METHOD-2031
MIL-STD-202F
METHOD-208
MIL-STD-750D
METHOD-2036
MIL-STD-750D
METHOD-2036
MIL-STD-750D
METHOD-1038
JESD22-A102
MIL-STD-750D
METHOD-1051
MIL-STD-750D
METHOD-1056
MIL-STD-750D
METHOD-1021
MIL-STD-750D
METHOD-1031
Item Test
Conditions
Reference
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Formosa MS
Zener Diode
Document ID
Issued Date
Revised Date
Revision
Page.
DS-222716
2008/02/10
2010/03/10
B
7
Z100B THRU Z330B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com