Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z230B Datasheet(PDF) 3 Page - Formosa MS

Part # Z230B
Description  Zener Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

Z230B Datasheet(HTML) 3 Page - Formosa MS

  Z230B Datasheet HTML 1Page - Formosa MS Z230B Datasheet HTML 2Page - Formosa MS Z230B Datasheet HTML 3Page - Formosa MS Z230B Datasheet HTML 4Page - Formosa MS Z230B Datasheet HTML 5Page - Formosa MS Z230B Datasheet HTML 6Page - Formosa MS Z230B Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Formosa MS
Zener Diode
o
Electrical characteristics (at T =25 C unless otherwise noted)
A
Marking
code
Zener
voltage
Test
current
Zener
impedance
Leakage
current
Note: The part numbers listed above are with 5% tolerance of zener voltages
5% tolerance of Zener voltage for suffix "B" ex: Z110B
mA
I
ZT
Z
@ I
ZT
ZT
Volts
Min. V @ I
Z
ZT
I
ZK
I
R
Volts
V
R
Z
@ I
ZK
ZK
150
110
160
115
170
180
120
130
190
140
200
210
220
230
240
262.5
260
270
280
290
300
310
320
330
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
1500
750
2200
750
2200
850
1000
2500
1200
2500
1300
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
120
80
130
85
140
90
95
105
110
150
165
165
170
175
180
190
195
200
210
215
220
225
233
240
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
8000
9000
9000
9000
9000
9000
9000
9000
9000
9000
9000
9000
9000
9000
Part No.
Z160B
Z110B
Z170B
Z115B
Z180B
Z120B
Z130B
Z190B
Z140B
Z200B
Z150B
Z210B
Z220B
Z230B
Z240B
Z250B
Z260B
Z270B
Z280B
Z290B
Z300B
Z310B
Z320B
Z330B
Document ID
Issued Date
Revised Date
Revision
Page.
Z10-160B
Z10-110B
Z10-170B
Z10-115B
Z10-180B
Z10-120B
Z10-130B
Z10-190B
Z10-140B
Z10-200B
Z10-150B
Z10-210B
Z10-220B
Z10-230B
Z10-240B
Z10-250B
Z10-260B
Z10-270B
Z10-280B
Z10-290B
Z10-300B
Z10-310B
Z10-320B
Z10-330B
Nom. V @ I
Z
ZT
Max. V @ I
Z
ZT
Volts
Volts
142.5
104.5
152
109.25
161.5
171
114
123.5
180.5
133
190
199.5
209
218.5
228
237.5
247
256.5
266
275.5
285
294.5
304
313.5
157.5
115.5
168
120.75
178.5
189
126
136.5
199.5
147
210
220.5
231
241.5
252
250
273
283.5
294
304.5
315
325.5
336
346.5
105
5.0
750
0.25
0.5
77
5000
Z105B
Z10-105B
99.75
110.25
100
5.0
750
0.25
0.5
75
5000
Z100B
Z10-100B
95
105
DS-222716
2008/02/10
2010/03/10
B
7
Z100B THRU Z330B
mA
(uA)Max
(Ω)Max
(Ω)Max



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com