Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HCT251 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HCT251
Description  High-Speed CMOS Logic 8-Input Multiplexer, Three-State
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HCT251 Datasheet(HTML) 5 Page - Texas Instruments

  CD74HCT251 Datasheet HTML 1Page - Texas Instruments CD74HCT251 Datasheet HTML 2Page - Texas Instruments CD74HCT251 Datasheet HTML 3Page - Texas Instruments CD74HCT251 Datasheet HTML 4Page - Texas Instruments CD74HCT251 Datasheet HTML 5Page - Texas Instruments CD74HCT251 Datasheet HTML 6Page - Texas Instruments CD74HCT251 Datasheet HTML 7Page - Texas Instruments CD74HCT251 Datasheet HTML 8Page - Texas Instruments CD74HCT251 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay
tPLH, tPHL CL = 50pF
2
-
-
245
-
305
-
370
ns
Select to Outputs
4.5
-
-
49
-
61
-
74
ns
CL =15pF
5
-
21
-
-
-
-
-
ns
CL = 50pF
6
-
-
42
-
52
-
63
ns
Data to Outputs
tPLH, tPHL CL = 50pF
2
-
-
175
-
220
-
265
ns
4.5
-
-
35
-
44
-
53
ns
CL =15pF
5
-
12
-
-
-
-
-
ns
CL = 50pF
6
-
-
30
-
37
-
45
ns
Enable to High Z and Enable
from High Z
tPLH, tPHL CL = 50pF
2
-
-
140
-
175
-
210
ns
4.5
-
-
28
-
35
-
42
ns
CL =15pF
5
-
11
-
-
-
-
-
ns
CL = 50pF
6
-
-
24
-
30
-
36
ns
Output Transition Time
tTLH, tTHL CL = 50pF
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
Input Capacitance
CIN
-
-
-
-
10
-
10
-
10
pF
Three-State Output
Capacitance
CO
-
-
-
-
15
-
15
-
15
pF
Power Dissipation Capacitance
(Notes 3, 4)
CPD
-5
-
60
-
-
-
-
-
pF
HCT TYPES
Propagation Delay
tPLH, tPHL
Select to Outputs
CL = 50pF
4.5
-
-
42
-
53
-
63
ns
CL =15pF
5
-
18
-
-
-
-
ns
Data to Outputs
tPLH, tPHL CL = 50pF
4.5
-
-
35
-
44
-
53
ns
CL =15pF
5
-
12
-
-
-
-
-
ns
Enable to High Z and Enable
from High Z
tPLH, tPHL CL = 50pF
4.5
-
30
-
38
-
45
ns
CL =15pF
5
-
12
-
-
-
-
-
ns
Output Transition Time
tTLH, tTHL CL = 50pF
4.5
-
-
15
-
19
-
22
ns
Input Capacitance
CIN
-
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 3, 4)
CPD
-
5
60
-----
pF
NOTES:
3. CPD is used to determine the dynamic power consumption, per package.
4. PD = VCC
2 f
i (CPD + CL) where fi = input frequency, CL = output load capacitance, VCC = supply voltage.
CD54HC251, CD74HC251, CD54HCT251, CD74HCT251



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com