Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HCT251 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HCT251
Description  High-Speed CMOS Logic 8-Input Multiplexer, Three-State
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HCT251 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74HCT251 Datasheet HTML 2Page - Texas Instruments CD74HCT251 Datasheet HTML 3Page - Texas Instruments CD74HCT251 Datasheet HTML 4Page - Texas Instruments CD74HCT251 Datasheet HTML 5Page - Texas Instruments CD74HCT251 Datasheet HTML 6Page - Texas Instruments CD74HCT251 Datasheet HTML 7Page - Texas Instruments CD74HCT251 Datasheet HTML 8Page - Texas Instruments CD74HCT251 Datasheet HTML 9Page - Texas Instruments CD74HCT251 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Test Circuits and Waveforms
FIGURE 1. HC TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
FIGURE 2. HCT TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
FIGURE 3. HC THREE-STATE PROPAGATION DELAY
WAVEFORM
FIGURE 4. HCT THREE-STATE PROPAGATION DELAY
WAVEFORM
NOTE:
Open drain waveforms tPLZ and tPZL are the same as those for three-state shown on the left. The test circuit is Output RL =1kΩ to
VCC, CL = 50pF.
FIGURE 5. HC AND HCT THREE-STATE PROPAGATION DELAY TEST CIRCUIT
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
tPHL
tPLH
tTHL
tTLH
2.7V
1.3V
0.3V
1.3V
10%
INVERTING
OUTPUT
INPUT
GND
3V
tr = 6ns
tf = 6ns
90%
50%
10%
90%
GND
VCC
10%
90%
50%
50%
OUTPUT
DISABLE
OUTPUT LOW
TO OFF
OUTPUT HIGH
TO OFF
OUTPUTS
ENABLED
OUTPUTS
DISABLED
OUTPUTS
ENABLED
6ns
6ns
tPZH
tPHZ
tPZL
tPLZ
0.3
2.7
GND
3V
10%
90%
1.3V
1.3V
OUTPUT
DISABLE
OUTPUT LOW
TO OFF
OUTPUT HIGH
TO OFF
OUTPUTS
ENABLED
OUTPUTS
DISABLED
OUTPUTS
ENABLED
tr
6ns
tPZH
tPHZ
tPZL
tPLZ
6ns
tf
1.3
IC WITH
THREE-
STATE
OUTPUT
OTHER
INPUTS
TIED HIGH
OR LOW
OUTPUT
DISABLE
VCC FOR tPLZ AND tPZL
GND FOR tPHZ AND tPZH
OUTPUT
RL = 1kΩ
CL
50pF
CD54HC251, CD74HC251, CD54HCT251, CD74HCT251



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com