Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM26C31CD Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AM26C31CD
Description  AM26C31 Quadruple Differential Line Driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM26C31CD Datasheet(HTML) 5 Page - Texas Instruments

  AM26C31CD Datasheet HTML 1Page - Texas Instruments AM26C31CD Datasheet HTML 2Page - Texas Instruments AM26C31CD Datasheet HTML 3Page - Texas Instruments AM26C31CD Datasheet HTML 4Page - Texas Instruments AM26C31CD Datasheet HTML 5Page - Texas Instruments AM26C31CD Datasheet HTML 6Page - Texas Instruments AM26C31CD Datasheet HTML 7Page - Texas Instruments AM26C31CD Datasheet HTML 8Page - Texas Instruments AM26C31CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5
AM26C31
www.ti.com
SLLS103O – DECEMBER 1990 – REVISED JUNE 2016
Product Folder Links: AM26C31
Submit Documentation Feedback
Copyright © 1990–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
Maximum power dissipation is a function of TJ(max), RθJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA) / RθJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
(4)
Modelling assumption: MIL-STD-883 for RθJC(top) and RθJC(bot) JESD51 for RθJB.
6.4 Thermal Information
THERMAL METRIC(1)
AM26C31
UNIT
D
(SOIC)
DB
(SSOP)
PW
(TSSOP)
NS
(SO)
N
(PDIP)
J
(CDIP)
W
(CFP)
FK
(LCCC)
16 PINS
16 PINS
16 PINS
16 PINS
16 PINS
16 PINS
16 PINS
16 PINS
RθJA
Junction-to-ambient
thermal resistance(2)(3)
75.3
93.1
102.1
75.6
44.5
—
—
—
°C/W
RθJC(top)
Junction-to-case (top)
thermal resistance
35.6
43.8
37.2
32.6
31.1
39.3(4)
58.9(4)
37.1(4)
°C/W
RθJB
Junction-to-board
thermal resistance
32.5
43.6
47.0
36.4
24.5
56.4(4)
109.3(4)
36.2(4)
°C/W
ψJT
Junction-to-top
characterization
parameter
7.1
9.6
2.8
5.7
15.4
—
—
—
°C/W
ψJB
Junction-to-board
characterization
parameter
32.3
43.1
46.4
36.0
24.4
—
—
—
°C/W
RθJC(bot)
Junction-to-case
(bottom) thermal
resistance
n/a
n/a
n/a
n/a
n/a
12.0(4)
5.7(4)
4.3(4)
°C/W
(1)
All typical values are at VCC = 5 V and TA = 25°C.
(2)
Δ|VOD| and Δ|VOC| are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed from a high level to
a low level.
(3)
This parameter is measured per input. All other inputs are at 0 or 5 V.
6.5 Electrical Characteristics: AM26C31C and AM26C31I
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VOH
High-level output voltage
IO = –20 mA
2.4
3.4
V
VOL
Low-level output voltage
IO = 20 mA
0.2
0.4
V
VOD
Differential output voltage magnitude
RL = 100 Ω, see Figure 2
2
3.1
V
Δ|VOD|
Change in magnitude of differential output voltage(2)
RL = 100 Ω, see Figure 2
±0.4
V
VOC
Common-mode output voltage
RL = 100 Ω, see Figure 2
3
V
Δ|VOC|
Change in magnitude of common-mode output voltage(2)
RL = 100 Ω, see Figure 2
±0.4
V
II
Input current
VI = VCC or GND
±1
μA
IO(off)
Driver output current with power off
VCC = 0
VO = 6 V
100
μA
VO = –0.25 V
–100
IOS
Driver output short-circuit current
VO = 0
–30
–150
mA
IOZ
High-impedance off-state output current
VO = 2.5 V
20
μA
VO = 0.5 V
–20
ICC
Quiescent supply current
IO = 0
VI = 0 or 5 V
100
μA
VI = 2.4 V or 0.5 V
(3)
1.5
3
mA
Ci
Input capacitance
6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com