| Electronic Components Datasheet Search |
|
AM26C31CD Datasheet(PDF) 11 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM26C31CD Datasheet(HTML) 11 Page - Texas Instruments |
|
11 / 33 page ![]() Input VCC TYPICAL OF ALL OUTPUTS Output VCC GND GND EQUIVALENT OF EACH INPUT Copyright © 2016, Texas Instruments Incorporated 11 AM26C31 www.ti.com SLLS103O – DECEMBER 1990 – REVISED JUNE 2016 Product Folder Links: AM26C31 Submit Documentation Feedback Copyright © 1990–2016, Texas Instruments Incorporated Functional Block Diagrams (continued) Figure 7. Schematics of Inputs and Outputs 8.3 Feature Description 8.3.1 Active-High and Active-Low The device can be configured using the G and G logic inputs to select transmitter output. A logic high on the G pin or a logic low on the G pin enables the device to operate. These pins are simply a way to configure the logic to match that of the receiving or transmitting controller or microprocessor. 8.3.2 Operates from a Single 5-V Supply Both the logic and transmitters operate from a single 5-V rail, making designs much more simple. The line drivers and receivers can operate off the same rail as the host controller or a similar low voltage supply, thus simplifying power structure. 8.4 Device Functional Modes Table 1 lists the functional modes of the AM26C31. (1) H = High level, L = Low level, X = Irrelevant, Z = High impedance (off) Table 1. Function Table (Each Driver)(1) INPUT A ENABLES OUTPUTS G G Y Z H H X H L L H X L H H X L H L L X L L H X L H Z Z |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |