Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA820ID Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA820ID
Description  Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA820ID Datasheet(HTML) 2 Page - Texas Instruments

  OPA820ID Datasheet HTML 1Page - Texas Instruments OPA820ID Datasheet HTML 2Page - Texas Instruments OPA820ID Datasheet HTML 3Page - Texas Instruments OPA820ID Datasheet HTML 4Page - Texas Instruments OPA820ID Datasheet HTML 5Page - Texas Instruments OPA820ID Datasheet HTML 6Page - Texas Instruments OPA820ID Datasheet HTML 7Page - Texas Instruments OPA820ID Datasheet HTML 8Page - Texas Instruments OPA820ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
OPA820
SBOS303C − JUNE 2004 − REVISED AUGUST 2008
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Power Supply
±6.5VDC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Internal Power Dissipation
See Thermal Information
. . . . . . . . . . . .
Differential Input Voltage
±1.2V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Common-Mode Voltage Range
±VS
. . . . . . . . . . . . . . . . . . . .
Storage Temperature Range
−65
°C to +125°C
. . . . . . . . . . . . . . . . .
Lead Temperature (soldering, 10s)
+300
°C
. . . . . . . . . . . . . . . . . . . .
Junction Temperature (TJ)
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD Rating
Human Body Model (HBM)
+3000V
. . . . . . . . . . . . . . . . . . . . . .
Charge Device Model (CDM)
+1000V
. . . . . . . . . . . . . . . . . . . .
Machine Model (MM)
+300V
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not supported.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA, QUANTITY
OPA820
SO-8
D
−45
°C to +85°C
OPA820
OPA820ID
Rails, 100
″
″
″
″
″
OPA820IDR
Tape and Reel, 2500
OPA820
SOT23-5
DBV
−45
°C to +85°C
NSO
OPA820IDBVT
Tape and Reel, 250
″
″
″
″
″
OPA820IDBVR
Tape and Reel, 3000
(1) For the most current package and ordering information, see the Package Option Addendum at the end of this data sheet, or see the TI web
site at www.ti.com.
PIN CONFIGURATION
TOP VIEW
SO
TOP VIEW
SOT
1
2
3
4
8
7
6
5
NC
+V
S
Output
NC
NC
Inverting Input
Noninverting Input
−V
S
NC = No Connection
1
2
3
5
4
+V
S
Inverting Input
Output
−V
S
Noninverting Inut
NSO
Pin Orientation/Package Marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com