Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA820ID Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA820ID
Description  Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA820ID Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA820ID Datasheet HTML 17Page - Texas Instruments OPA820ID Datasheet HTML 18Page - Texas Instruments OPA820ID Datasheet HTML 19Page - Texas Instruments OPA820ID Datasheet HTML 20Page - Texas Instruments OPA820ID Datasheet HTML 21Page - Texas Instruments OPA820ID Datasheet HTML 22Page - Texas Instruments OPA820ID Datasheet HTML 23Page - Texas Instruments OPA820ID Datasheet HTML 24Page - Texas Instruments OPA820ID Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
OPA820
SBOS303C − JUNE 2004 − REVISED AUGUST 2008
www.ti.com
21
b) Minimize the distance (< 0.25”) from the power-supply
pins to high-frequency 0.1
µF decoupling capacitors. At
the device pins, the ground and power-plane layout should not
be in close proximity to the signal I/O pins. Avoid narrow power
and ground traces to minimize inductance between the pins
and the decoupling capacitors. The power-supply connec-
tions should always be decoupled with these capacitors.
Larger (2.2
µF to 6.8µF) decoupling capacitors, effective at
lower frequency, should also be used on the main supply pins.
These may be placed somewhat farther from the device and
may be shared among several devices in the same area of the
PC board.
c) Careful selection and placement of external compo-
nents will preserve the high-frequency performance of
the OPA820. Resistors should be a very low reactance type.
Surface-mount resistors work best and allow a tighter overall
layout. Metal-film and carbon composition, axially leaded
resistors can also provide good high-frequency performance.
Again, keep their leads and PC board trace length as short as
possible. Never use wire-wound type resistors in a
high-frequency application. Since the output pin and inverting
input pin are the most sensitive to parasitic capacitance,
always position the feedback and series output resistor, if any,
as close as possible to the output pin. Other network
components, such as noninverting input termination resistors,
should also be placed close to the package. Where
double-side component mounting is allowed, place the
feedback resistor directly under the package on the other side
of the board between the output and inverting input pins. Even
with a low parasitic capacitance shunting the external
resistors, excessively high resistor values can create
significant time constants that can degrade performance.
Good axial metal-film or surface-mount resistors have
approximately 0.2pF in shunt with the resistor. For resistor
values > 1.5k
Ω, this parasitic capacitance can add a pole
and/or a zero below 500MHz that can effect circuit operation.
Keep resistor values as low as possible consistent with
load-driving considerations. It has been suggested here that
a good starting point for design would be to set RG || RF =
200
Ω. Using this setting will automatically keep the resistor
noise terms low, and minimize the effect of their parasitic
capacitance.
d) Connections to other wideband devices on the board
may be made with short direct traces or through onboard
transmission lines. For short connections, consider the trace
and the input to the next device as a lumped capacitive load.
Relatively wide traces (50mils to 100mils) should be used,
preferably with ground and power planes opened up around
them. Estimate the total capacitive load and set RS from the
plot of Recommended RS vs Capacitive Load. Low parasitic
capacitive loads (< 5pF) may not need an RS since the
OPA820 is nominally compensated to operate with a 2pF
parasitic load. Higher parasitic capacitive loads without an RS
are allowed as the signal gain increases (increasing the
unloaded phase margin). If a long trace is required, and the
6dB signal loss intrinsic to a doubly-terminated transmission
line is acceptable, implement a matched impedance
transmission line using microstrip or stripline techniques
(consult an ECL design handbook for microstrip and stripline
layout techniques). A 50
Ω environment is normally not
necessary onboard, and in fact, a higher impedance
environment will improve distortion as shown in the distortion
versus load plots. With a characteristic board trace impedance
defined based on board material and trace dimensions, a
matching series resistor into the trace from the output of the
OPA820 is used as well as a terminating shunt resistor at the
input of the destination device. Remember also that the
terminating impedance will be the parallel combination of the
shunt resistor and input impedance of the destination device;
this total effective impedance should be set to match the trace
impedance. If the 6dB attenuation of a doubly-terminated
transmission line is unacceptable, a long trace can be
series-terminated at the source end only. Treat the trace as a
capacitive load in this case and set the series resistor value as
shown in the plot of RS vs Capacitive Load. This will not
preserve signal integrity as well as a doubly-terminated line.
If the input impedance of the destination device is low, there
will be some signal attenuation due to the voltage divider
formed by the series output into the terminating impedance.
e) Socketing a high-speed part like the OPA820 is not
recommended. The additional lead length and pin-to-pin
capacitance introduced by the socket can create an extremely
troublesome parasitic network, which can make it almost
impossible to achieve a smooth, stable frequency response.
Best results are obtained by soldering the OPA820 onto the
board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com