Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8406-CS Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS8406-CS
Description  192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406-CS Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS8406-CS Datasheet HTML 14Page - Cirrus Logic CS8406-CS Datasheet HTML 15Page - Cirrus Logic CS8406-CS Datasheet HTML 16Page - Cirrus Logic CS8406-CS Datasheet HTML 17Page - Cirrus Logic CS8406-CS Datasheet HTML 18Page - Cirrus Logic CS8406-CS Datasheet HTML 19Page - Cirrus Logic CS8406-CS Datasheet HTML 20Page - Cirrus Logic CS8406-CS Datasheet HTML 21Page - Cirrus Logic CS8406-CS Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
CS8406
18
DS580F1
AES3 Transmitter in Stereo mode
U[0]
U[2]
Data [4]
Data [5]
Data [6]
Data [7]
Data [8]
Data [0]*
Data [2]*
Data [4]*
Z
Y
X
* Assume MMTLR = 0
Data [1]*
Data [3]*
Data [5]*
ZY
X
* Assume MMTLR = 1
•VLRCK is a virtual word clock, which may not exist, and is used to illustrate the CUV timing.
•VLRCK duty cycle is 50%.
•In stereo mode, VLRCK frequency = AES3 frame rate. In mono mode, VLRCK frequency = 2xAES3 frame rate.
•If the serial audio input port is on slave mode and TCBL is an output, then VLRCK = ILRCK if SILRPOL = 0
and VLRCK = ILRCK if SILRPOL =1.
•If the serial audio input port is in master mode and TCBL is an input, then VLRCK = ILRCK if SILRPOL = 0
and VLRCK = ILRCK if SILRPOL =1.
Tth
VCU[0]
VCU[1]
VCU[2]
VCU[3]
VCU[4]
VLRCK
V/C/U
(Input)
Data [4]
Data [5]
Data [6]
Data [7]
Data [8]
SDIN
(Input)
Data [0]
Data [1]
Data [2]
Data [3]
Data [4]
TXP(N)
(Output)
Z
Y
X
Y
X
Tsetup
Thold
Tth
Thold = 0
Tth > 3 OMCK clocks, if TCBL is Input
Tsetup
≥ 7.5% AES3 frame time
TCBL
(In/Output)
VLRCK
U
(Input)
SDIN
(Input)
TXP(N)
(Output)
TCBL
(In/Output)
TXP(N)
(Output)
AES3 Transmitter in Mono mode
Thold = 0
Tth > 3 OMCK clocks, if TCBL is Input
Tsetup
≥ 15% AES3 frame time
Figure 8. AES3 Transmitter Timing for C, U, and V Pin Input Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com