Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8406-CS Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS8406-CS
Description  192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406-CS Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS8406-CS Datasheet HTML 25Page - Cirrus Logic CS8406-CS Datasheet HTML 26Page - Cirrus Logic CS8406-CS Datasheet HTML 27Page - Cirrus Logic CS8406-CS Datasheet HTML 28Page - Cirrus Logic CS8406-CS Datasheet HTML 29Page - Cirrus Logic CS8406-CS Datasheet HTML 30Page - Cirrus Logic CS8406-CS Datasheet HTML 31Page - Cirrus Logic CS8406-CS Datasheet HTML 32Page - Cirrus Logic CS8406-CS Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
CS8406
DS580F1
29
8.13
User Data Buffer Control (13h)
UD - User bit data source specifier
Default = ‘0’
0 - U Pin is the source of transmitted U data
1 - U data buffer is the source of transmitted U data
UBM1:0 - Sets the operating mode of the AES3 User bit manager
Default = ‘00’
00 - Transmit all zeros mode
01 - Block mode
10 - Reserved
11 - Reserved
EFTUI - E to F U-data buffer transfer inhibit bit (valid in block mode only).
Default = ‘0’
0 - Allow U-data E to F buffer transfers
1 - Inhibit U-data E to F buffer transfers
8.14
Channel Status bit or User bit Data Buffer (20h - 37h)
Either the channel status data buffer E or the separate user bit data buffer E (provided UBM bits are set to block
mode) is accessible through these register addresses.
8.15
CS8406 I.D. and Version Register (7Fh) (Read Only)
ID[3:0] - ID code for the CS8406. Permanently set to 1110
VER[3:0] = 0001 (revision A)
VER[3:0] = 0010 (revision B)
7
6
5
43210
0
0
0
UD
UBM1
UBM0
0
EFTUI
7
6
5
43210
ID3
ID2
ID1
ID0
VER3
VER2
VER1
VER0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com