Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5146CS Datasheet(PDF) 12 Page - Intersil Corporation

Part # EL5146CS
Description  100MHz Single-Supply Rail-to-Rail Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5146CS Datasheet(HTML) 12 Page - Intersil Corporation

Back Button EL5146CS Datasheet HTML 8Page - Intersil Corporation EL5146CS Datasheet HTML 9Page - Intersil Corporation EL5146CS Datasheet HTML 10Page - Intersil Corporation EL5146CS Datasheet HTML 11Page - Intersil Corporation EL5146CS Datasheet HTML 12Page - Intersil Corporation EL5146CS Datasheet HTML 13Page - Intersil Corporation EL5146CS Datasheet HTML 14Page - Intersil Corporation EL5146CS Datasheet HTML 15Page - Intersil Corporation EL5146CS Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
Typical Performance Curves (Continued)
Negative Output Voltage Swing vs Die
Temperature
Supply Current (per Amp) vs Supply Voltage
Output Current vs Die Temperature
Supply Current - ON (per Amp) vs Die Temperature
Supply Current - OFF (per Amp) vs Die
Temperature
Positive Output Voltage Swing vs Die Temperature
03
Supply Voltage (V)
5
14
2
4
6
2
0
8
-55
Die Temperature (°C)
145
-15
105
65
60
80
40
20
120
100
25
Source
Sink
RL=10Ω to 2.5V
-55
Die Temperature (°C)
145
-15
105
65
6
7
5
4
9
8
25
-55
Die Temperature (°C)
145
-15
105
65
2
3
1
0
5
4
25
-55
Die Temperature (°C)
145
-15
105
65
25
4.7
4.8
4.6
4.5
5
4.9
RL=150Ω to 2.5V
RL=150Ω to 0V
RL=150Ω
RL=150Ω to 2.5V
RL=150Ω to 0V
-55
Die Temperature (°C)
145
-15
105
65
25
0.2
0.3
0.1
0
0.5
0.4
EL5144, EL5146, EL5244, EL5246, EL5444



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com