Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5146CS Datasheet(PDF) 14 Page - Intersil Corporation

Part # EL5146CS
Description  100MHz Single-Supply Rail-to-Rail Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5146CS Datasheet(HTML) 14 Page - Intersil Corporation

Back Button EL5146CS Datasheet HTML 10Page - Intersil Corporation EL5146CS Datasheet HTML 11Page - Intersil Corporation EL5146CS Datasheet HTML 12Page - Intersil Corporation EL5146CS Datasheet HTML 13Page - Intersil Corporation EL5146CS Datasheet HTML 14Page - Intersil Corporation EL5146CS Datasheet HTML 15Page - Intersil Corporation EL5146CS Datasheet HTML 16Page - Intersil Corporation EL5146CS Datasheet HTML 17Page - Intersil Corporation EL5146CS Datasheet HTML 18Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14
Pin Descriptions
5-PIN
SOT23
8-PIN
SO/PDIP
8-PIN
SO/PDIP/
MSOP
16-PIN
MSOP
14-PIN
SO/PDIP
14-PIN
SO/PDIP
16-PIN
QSOP
NAME
FUNCTION
EQUIVALENT CIRCUIT
5788
11
4
4,5
VS
Positive Power
Supply
2443
4
11
12,13
GND
Ground or
Negative Power
Supply
3
3
IN+
Noninverting
Input
Circuit 1
4
2
IN-
Inverting Input
(Reference Circuit 1)
1
6
OUT
Amplifier Output
Circuit 2
3
113
3
INA+
Amplifier A
Noninverting
Input
(Reference Circuit 1)
2
10
14
2
2
INA-
Amplifier A
Inverting Input
(Reference Circuit 1)
19
13
11
OUTA
Amplifier A
Output
(Reference Circuit 2)
5
575
6
INB+
Amplifier B
Noninverting
Input
(Reference Circuit 1)
6
686
7
INB-
Amplifier B
Inverting Input
(Reference Circuit 1)
7
797
8
OUTB
Amplifier B
Output
(Reference Circuit 2)
10
11
INC+
Amplifier C
Noninverting
Input
(Reference Circuit 1)
9
10
INC-
Amplifier C
Inverting Input
(Reference Circuit 1)
8
9
OUTC
Amplifier C
Output
(Reference Circuit 2)
12
14
IND+
Amplifier D
Noninverting
Input
(Reference Circuit 1)
13
15
IND-
Amplifier D
Inverting Input
(Reference Circuit 1)
VS
GND
VS
GND
EL5144, EL5146, EL5244, EL5246, EL5444



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com