Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2964 Datasheet(PDF) 5 Page - Semtech Corporation

Part # GS2964
Description  Adaptive Cable Equalizer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2964 Datasheet(HTML) 5 Page - Semtech Corporation

  GS2964 Datasheet HTML 1Page - Semtech Corporation GS2964 Datasheet HTML 2Page - Semtech Corporation GS2964 Datasheet HTML 3Page - Semtech Corporation GS2964 Datasheet HTML 4Page - Semtech Corporation GS2964 Datasheet HTML 5Page - Semtech Corporation GS2964 Datasheet HTML 6Page - Semtech Corporation GS2964 Datasheet HTML 7Page - Semtech Corporation GS2964 Datasheet HTML 8Page - Semtech Corporation GS2964 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
GS2964 Adaptive Cable Equalizer
Data Sheet
51913 - 3
March 2010
5 of 17
12
VEE_D
Analog
Power
Most negative power supply for the digital circuitry and output
buffer.
Connect to GND.
13
VCC_D
Analog
Power
Most positive power supply for the digital I/O pins of the device.
Connect to +3.3V DC.
14
MUTE
Not
Synchronous
Input
CONTROL SIGNAL INPUT
levels are LVCMOS/LVTTL compatible. (3.3V Tolerant)
Controls output behaviour on SDO and SDO. (Internal pull-down).
See Section 4.5.
15
CD
Not
Synchronous
Output
STATUS SIGNAL OUTPUT
Signal levels are LVCMOS/LVTTL compatible.
Indicates the presence of an input signal.
See Section 4.5.
16
VCC_A
Analog
Power
Most positive power supply for the analog circuitry of the device.
Connect to +3.3V DC.
–
Center Pad
–
Power
Internally bonded to VEE_A.
Table 1-1: GS2964 Pin Descriptions (Continued)
Pin Number
Name
Timing
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com