Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2964 Datasheet(PDF) 16 Page - Semtech Corporation

Part # GS2964
Description  Adaptive Cable Equalizer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2964 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button GS2964 Datasheet HTML 9Page - Semtech Corporation GS2964 Datasheet HTML 10Page - Semtech Corporation GS2964 Datasheet HTML 11Page - Semtech Corporation GS2964 Datasheet HTML 12Page - Semtech Corporation GS2964 Datasheet HTML 13Page - Semtech Corporation GS2964 Datasheet HTML 14Page - Semtech Corporation GS2964 Datasheet HTML 15Page - Semtech Corporation GS2964 Datasheet HTML 16Page - Semtech Corporation GS2964 Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
GS2964 Adaptive Cable Equalizer
Data Sheet
51913 - 3
March 2010
16 of 17
6.5 Solder Reflow Profiles
The GS2964 is available in a Pb-free package. It is recommended that the Pb-free
package be soldered with Pb-free paste using the reflow profile shown in Figure 6-1.
Figure 6-1: Maximum Pb-free Solder Reflow Profile
6.6 Ordering Information
25°C
150°C
200°C
217°C
260°C
250°C
Time
Temperature
8 min. max
60-180 sec. max
60-150 sec.
20-40 sec.
3°C/sec max
6°C/sec max
Part Number
Package
Temperature Range
GS2964
GS2964-INE3
16-pin QFN
-40°C to 85°C
GS2964
GS2964-INTE3
16-pin QFN Tape &
Reel (250pcs)
-40°C to 85°C
GS2964
GS2964-INTE3Z
16-pin QFN Tape &
Reel (2500pcs)
-40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com