Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2985 Datasheet(PDF) 23 Page - Semtech Corporation

Part # GS2985
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2985 Datasheet(HTML) 23 Page - Semtech Corporation

Back Button GS2985 Datasheet HTML 19Page - Semtech Corporation GS2985 Datasheet HTML 20Page - Semtech Corporation GS2985 Datasheet HTML 21Page - Semtech Corporation GS2985 Datasheet HTML 22Page - Semtech Corporation GS2985 Datasheet HTML 23Page - Semtech Corporation GS2985 Datasheet HTML 24Page - Semtech Corporation GS2985 Datasheet HTML 25Page - Semtech Corporation GS2985 Datasheet HTML 26Page - Semtech Corporation GS2985 Datasheet HTML 27Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
GS2985 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
36663 - 5
July 2012
23 of 45
Proprietary & Confidential
4.8.1 Lock Detect and Asynchronous Lock
The reference crystal is used to assist the PLL in achieving a short lock time. The lock detection
algorithm is a continuous process, which begins at device power up or after a system reset, and
continues until the device is powered down.
The asynchronous lock time is defined as the time it takes the device to lock when a video signal
is first applied to the serial digital inputs, or when the digital video signal rate changes.
The synchronous lock time is defined as the time it takes the device to lock to a signal which has
been momentarily interrupted.
4.9 Serial Data Output
The GS2985 features two current-mode differential output drivers, each capable of driving a
maximum of 800mVpp, differential, into an external 100Ω differential load.
Each of the GS2985's output buffers include two on-chip, 50Ω termination resistors.
4.9.1 Output Signal Interface Levels
The serial digital outputs of the GS2985 are compatible when DC-coupled with all Gennum
serial digital interface products that feature a differential LVPECL or CML receiver designed for
SDI applications and operate from 3.3V or 2.5V supplies. This includes but is not limited to:
GS2978, GS2988, and GS2989 cable drivers.
4.9.2 Adjustable Output Swing
It is possible, via the host interface, to force the output swing to 400mVpp or 800mVpp
differential, when the outputs are terminated with 50Ω loads.
The default output swing upon power-up is 400mVpp differential.
4.9.3 Output De-emphasis
The GS2985 features adjustable output de-emphasis to compensate for PCB trace dielectric
losses.
The output de-emphasis has eight settings, evenly distributed from a minimum of 0dB (output
de-emphasis OFF) to a peak de-emphasis setting that is optimized for compensating the
high-frequency losses associated with approximately 20 inches of 5-mil stripline in FR4
material. These settings are accessible via the serial host interface.
The action of the de-emphasis settings is to attenuate the trailing edge of the output data
waveform relative to the output swings set through the host interface.
Each serial digital output DDOn, DDOn includes a DEn_EN pin to turn its output de-emphasis
on or off. De-emphasis is also turned OFF when in Bypass mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com