Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2985 Datasheet(PDF) 31 Page - Semtech Corporation

Part # GS2985
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2985 Datasheet(HTML) 31 Page - Semtech Corporation

Back Button GS2985 Datasheet HTML 27Page - Semtech Corporation GS2985 Datasheet HTML 28Page - Semtech Corporation GS2985 Datasheet HTML 29Page - Semtech Corporation GS2985 Datasheet HTML 30Page - Semtech Corporation GS2985 Datasheet HTML 31Page - Semtech Corporation GS2985 Datasheet HTML 32Page - Semtech Corporation GS2985 Datasheet HTML 33Page - Semtech Corporation GS2985 Datasheet HTML 34Page - Semtech Corporation GS2985 Datasheet HTML 35Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
GS2985 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
36663 - 5
July 2012
31 of 45
Proprietary & Confidential
Figure 4-8: SPI Write Timing
Figure 4-9: SPI Read Timing
R/W
0
R
C0
C1
C2
C3
C4
C5
C6
A0
A1
A2
A4
A3
D15
D14
D13
D12
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D11
D10
SCK
CS
SDI
32 cycles
delayed
SDO
t0
t3
t1
t2
R/W
0
0
C0
C1
C2
C3
C4
C5
C6
A0
A1
A2
A4
A3
D15
D14
D13 D12
D
D2
D3
D4
D5
D6
D7
D8
D9
D11
D10
t8
t6
0
R
R/W
0
0
R
C0
C1
C2
C3
C4
C5
C6
A0
A1
A2
A4
A3
SCK
CS
SDI
32 cycles
delayed
SDO
t0
t3
t1
t2
C0
C1
C2
C3
C4
C5
C6
D15
D14
D13
D12
D7
D8
D9
D11
D10
t8
R/W
0
0
R
A0
A1
A2
A4
A3
Table 4-11: GSPI Time Delay
Parameter
Symbol
Conditions
Min
Typ
Max
Units
CS_n LOW before HOST_CLK rising edge
t0
50% levels
1.5
−−
ns
HOST_CLK period
t1
100
−−
ns
HOST_CLK duty cycle
t2
40
50
60
%
Input data setup time
t3
1.5
−−
ns
Output hold time (15pF load)
t6
1.5
−−
ns
CS_n HIGH after last HOST_CLK rising edge
t7
75% of
HOST_CLK
period
−−
ns
Input data hold time
t8
1.5
−−
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com