Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL3050 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AL3050
Description  SMALL PANEL BACKLIGHT LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3050 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AL3050_2 Datasheet HTML 5Page - Diodes Incorporated AL3050_2 Datasheet HTML 6Page - Diodes Incorporated AL3050_2 Datasheet HTML 7Page - Diodes Incorporated AL3050_2 Datasheet HTML 8Page - Diodes Incorporated AL3050_2 Datasheet HTML 9Page - Diodes Incorporated AL3050_2 Datasheet HTML 10Page - Diodes Incorporated AL3050_2 Datasheet HTML 11Page - Diodes Incorporated AL3050_2 Datasheet HTML 12Page - Diodes Incorporated AL3050_2 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AL3050
Document number: DS38578 Rev. 2 - 2
9 of 16
www.diodes.com
July 2016
© Diodes Incorporated
AL3050
Application Information (Cont.)
Where
LED
I
= full-scale output current of LEDs
FB
V
= 200mV (regulated voltage of FB)
SET
R
= current sense resistor at FB pin
The output current tolerance depends on the FB accuracy and the current sensor resistor accuracy.
6. LED Brightness Dimming Mode Selection
The CTRL pin is used for the control input for both dimming modes, PWM dimming and single wire dimming. The dimming mode for the AL3050 is
selected each time the device is enabled. The default dimming mode is PWM dimming. To enter the single wire mode, the following digital pattern
on the CTRL pin must be recognized by the IC every time the IC starts from the shutdown mode.
1. Pull CTRL pin high to enable the AL3050, and to start the single wire dimming detection window;
2. After the single wire dimming detection delay (t1W_DELAY, 100μs) expires, drive the CTRL pin low for more than single wire detection time
(t1w_DET, 450μs);
3. The CTRL pin has to be low for more than t1w_DET before the single wire dimming detection window (t1W_WIN, 3.5ms) expires. Single wire
detection
window starts from the first CTRL pin low to high transition.
If all above three conditions are fulfilled, the IC enters single wire dimming mode, otherwise enters PWM dimming mode. Once the dimming mode
is programmed, it can not be changed without another start up. This means the IC needs to be shut down by pulling the CTRL low for 3.5ms and
restarts. See the Dimming Mode Detection and Soft Start (Figure 1) for a graphical explanation.
CTRL
FB
Duty*200mV
tOFF>3.5ms
0mV
…
…
(fPWM>20kHz)
t1w_win>3.5ms
Startup
Delay
Shutdown
CTRL
Program code
t1w_win>3.5ms
t1w_det>450μs
t1w_delay>100μs
200mV
100mV
0mV
FB
tOFF>3.5ms
Program code
…
……
Shutdown
Figure 1. Dimming Mode Detection and Soft Start
7. PWM Dimming Mode
When the CTRL pin is constantly high, the FB voltage is regulated to 200mV typically. However, the CTRL pin allows a PWM signal to reduce this
regulation voltage; therefore, it achieves LED brightness dimming. The relationship between the duty cycle and FB voltage is given by Equation 2.
mV
Duty
V
FB
200
(2)
Where
Duty = duty cycle of the PWM signal
200mV = internal reference voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com