Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL3050 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL3050
Description  SMALL PANEL BACKLIGHT LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3050 Datasheet(HTML) 2 Page - Diodes Incorporated

  AL3050_2 Datasheet HTML 1Page - Diodes Incorporated AL3050_2 Datasheet HTML 2Page - Diodes Incorporated AL3050_2 Datasheet HTML 3Page - Diodes Incorporated AL3050_2 Datasheet HTML 4Page - Diodes Incorporated AL3050_2 Datasheet HTML 5Page - Diodes Incorporated AL3050_2 Datasheet HTML 6Page - Diodes Incorporated AL3050_2 Datasheet HTML 7Page - Diodes Incorporated AL3050_2 Datasheet HTML 8Page - Diodes Incorporated AL3050_2 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AL3050
Document number: DS38578 Rev. 2 - 2
2 of 16
www.diodes.com
July 2016
© Diodes Incorporated
AL3050
Typical Applications Circuit
2.7V to 5.5V
VBAT
CIN
2.2µF
L
22µH
VIN
SW
CTRL
VOUT
GND
FB
PWM or single wire
Dimming Control
COUT
1µF
Up to 8 LEDs
RFB
10
W
Pin Descriptions
Pin Number
Pin Name
Function
1
CTRL
Control pin of the boost converter. It is a multi-functional pin which can be used for enable control, PWM and
digital dimming.
2
VIN
Supply input pin. A capacitor should be connected between the VIN pin and GND pin to keep the DC input
voltage constant.
3
VOUT
Output of the boost converter.
4
FB
Feedback pin for current. Connect a resistor between this pin and GND to set the current.
5
GND
Ground.
6
SW
This is the switching node of the IC. Connect the inductor between the VIN and SW pin.
-
Thermal Pad
The thermal pad should be soldered to the analog ground plane. If possible, use thermal via to connect to
ground plane for ideal power dissipation.
Functional Block Diagram
VIN
SW
CTRL
VOUT
FB
UVLO
Soft
Start-up
OSC
Gate Driver
Control
Ramp
Generator
Comp
+
-
+
+
-
Current
Sensor
Error
Amp
+
-
VREF
PWM & EasyScale
Reference Control
OVP
Detection
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com