Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2760 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2760
Description  3.3V Regulated Switched Capacitor Voltage Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2760 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2760 Datasheet HTML 1Page - National Semiconductor (TI) LM2760 Datasheet HTML 2Page - National Semiconductor (TI) LM2760 Datasheet HTML 3Page - National Semiconductor (TI) LM2760 Datasheet HTML 4Page - National Semiconductor (TI) LM2760 Datasheet HTML 5Page - National Semiconductor (TI) LM2760 Datasheet HTML 6Page - National Semiconductor (TI) LM2760 Datasheet HTML 7Page - National Semiconductor (TI) LM2760 Datasheet HTML 8Page - National Semiconductor (TI) LM2760 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical Characteristics
(Notes 2, 8)
(Continued)
Note 11: In determining quiescent supply current limits, the voltage on the VOUT pin is forced to 200mV above the typical VOUT to ensure that the charge pump is
inactive and all internal switches are off.
Note 12: The "normal operation" supply current specification is a measure of the time-averaged supply current when there is no current load connected to the output
of the LM2760. During this so-called normal operation, the charge pump occasionally is activated to provide charge to the output cap and keep the output voltage
from drooping. This is necessary because, when the pump is not active, the output capacitor supplies current to the internal feedback resistor divider. The occasional
pumping typically occurs every 2 seconds on average, contains a few short pump cycles, and results in a small increase in the average quiescent supply current.
Note 13: Turn-on time is measured from when the input voltage (VIN) is established until the output voltage crosses 90% of its final value.
Block Diagram
20044303
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com