Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2760 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2760
Description  3.3V Regulated Switched Capacitor Voltage Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2760 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2760 Datasheet HTML 1Page - National Semiconductor (TI) LM2760 Datasheet HTML 2Page - National Semiconductor (TI) LM2760 Datasheet HTML 3Page - National Semiconductor (TI) LM2760 Datasheet HTML 4Page - National Semiconductor (TI) LM2760 Datasheet HTML 5Page - National Semiconductor (TI) LM2760 Datasheet HTML 6Page - National Semiconductor (TI) LM2760 Datasheet HTML 7Page - National Semiconductor (TI) LM2760 Datasheet HTML 8Page - National Semiconductor (TI) LM2760 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM2760
3.3V Regulated Switched Capacitor Voltage Converter
General Description
The LM2760 is a switched-capacitor DC/DC converter that
generates a regulated 3.3V output capable of driving a load
up to 20mA (V
IN
≥ 2.5V). The wide input voltage range
(2.0V-4.4V) allows this device to be powered from several
types of batteries, including single cell lithium-ion, two-cell
alkaline, nickel-metal-hydride, and nickel-cadmium. The
LM2760 solution does not require an inductor and needs
only three small external ceramic capacitors. The miniscule
quiescent current of the part, typically 10µA unloaded,
makes the LM2760 ideal for low-current standby power rails.
The LM2760 is a switched-capacitor circuit that is controlled
by a gated oscillator. Both a low-input-voltage boost mode
and high-input-voltage pass mode are implemented to opti-
mize efficiency over the full input voltage range.
Additional features of the LM2760 include thermal protection
and current limiting. The LM2760 is available in a small,
five-pin SOT-23 package.
Features
n
3.3V ± 4% Regulated Output
n
Ultralow Power: 10µA Typical Supply Current
n
Boost and Pass Modes for Improved Efficiency
n
Input Voltage Range: 2.0V to 4.4V
n
Output Current up to 20mA (V
IN
≥ 2.5V)
n
Output Current up to 10mA (V
IN
≥ 2.0V)
n
Inductorless solution
n
Small external parts count: 3 ceramic capacitors
n
750kHz Switching Frequency
n
SOT23-5 Package
n
Short-Circuit and Thermal Protection
Applications
n
Battery-Operated Devices
n
Cellular Phone
n
Standby Power Supply
n
Memory Keep-alive Power
Typical Application Circuit
20044301
December 2002
© 2002 National Semiconductor Corporation
DS200443
www.national.com


Similar Part No. - LM2760

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2765 NSC-LM2765 Datasheet
208Kb / 9P
Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2765 TI-LM2765 Datasheet
904Kb / 14P
LM2765 Switched Capacitor Voltage Converter
LM2765 TI2-LM2765 Datasheet
873Kb / 21P
LM2765 Switched-Capacitor Voltage Converter
REVISED SEPTEMBER 2016
logo
National Semiconductor ...
LM2765M6 NSC-LM2765M6 Datasheet
208Kb / 9P
Switched Capacitor Voltage Converter
LM2765M6X NSC-LM2765M6X Datasheet
208Kb / 9P
Switched Capacitor Voltage Converter
More results

Similar Description - LM2760

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2685 NSC-LM2685 Datasheet
244Kb / 9P
Dual Output Regulated Switched Capacitor Voltage Converter
LM2686 NSC-LM2686 Datasheet
204Kb / 8P
Regulated Switched Capacitor Voltage Converter
LM2750 NSC-LM2750 Datasheet
370Kb / 15P
Low Noise, 5.0V Regulated Switched Capacitor Voltage Converter
logo
Analog Devices
ADP3604 AD-ADP3604 Datasheet
143Kb / 8P
Switched Capacitor Voltage Converter with Regulated Output
REV.0
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
Switched Capacitor Regulated Voltage Inverter
logo
Analog Devices
ADP3604 AD-ADP3604_15 Datasheet
127Kb / 8P
Switched Capacitor Voltage Converter with Regulated Output
REV. 0
ADP3603 AD-ADP3603_15 Datasheet
143Kb / 8P
Switched Capacitor Voltage Converter with Regulated Output
REV. 0
logo
Linear Technology
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
Switched Capacitor Regulated Voltage Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com