Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT7708 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT7708
Description  Integrated Switching Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT7708 Datasheet(HTML) 2 Page - Texas Instruments

  PT7708 Datasheet HTML 1Page - Texas Instruments PT7708 Datasheet HTML 2Page - Texas Instruments PT7708 Datasheet HTML 3Page - Texas Instruments PT7708 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TYPICAL
CHARACTERISTICS
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Programming Information
VID3 VID2 VID1 VID0
Vout
1
1
1
1
1.30V
1
1
1
0
1.35V
1
1
0
1
1.40V
1
1
0
0
1.45V
1
0
1
1
1.50V
1
0
1
0
1.55V
1
0
0
1
1.60V
1
0
0
0
1.65V
0
1
1
1
1.70V
0
1
1
0
1.75V
0
1
0
1
1.80V
0
1
0
0
1.85V
0
0
1
1
1.90V
0
0
1
0
1.95V
0
0
0
1
2.00V
0
0
0
0
2.05V
Features
• Single-Device: +3.3V input
• 4-bit Programmable:
1.3V to 2.05V@20A
• High Efficiency
• Differential Remote Sense
• Short-Circuit Protection
• Parallelable with PT7742
20A “Current Booster”
Safe Operating Area (See Note B)
Ordering Information
PT7708
❏
❏
❏
❏
❏ = 1.3 to 2.05 Volts
(For dimensions and PC board layout,
see Package Styles 800 and 810.)
PT Series Suffix (PT1234X)
Case/Pin
Configuration
Vertical Through-Hole
N
Horizontal Through-Hole A
Horizontal Surface Mount
C
Logic 0 = Pin 12 potential (remote sense gnd)
Logic 1 = Open circuit (no pull-up resistors)
VID3 may not be changed while the unit is operating.
Characteristic Data, Vin =3.3V (See Note A)
PT7708—3.3V
20 Amp Programmable
Next Generation “Big Hammer”
Power Dissipation vs Output Current
Efficiency vs Output Current
Ripple vs Output Current
Note A:
All data in the above graphs has been developed from actual products tested at 25°C. The data is considered typical for the ISR
Note B:
SOA curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperatures.
PT7708, VIN =3.3V, Vo =1.8V
50
60
70
80
90
0
4
8
121620
Iout (A)
1.8
1.5
VOUT
0
10
20
30
40
0
4
8
121620
Iout (A)
1.5
1.8
VOUT
0
2
4
6
8
10
12
0
4
8
121620
Iout (A)
1.5
1.8
VOUT
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.0
4.0
8.0
12.0
16.0
20.0
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com