Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT7708 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT7708
Description  Integrated Switching Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT7708 Datasheet(HTML) 1 Page - Texas Instruments

  PT7708 Datasheet HTML 1Page - Texas Instruments PT7708 Datasheet HTML 2Page - Texas Instruments PT7708 Datasheet HTML 3Page - Texas Instruments PT7708 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Standard Application
For STBY* pin:
open = output enabled
ground = output disabled.
Pin-Out Information
Pin Function
1
VID0
2
VID1
3
VID2
4VID3
5
STBY* - Stand-by
6
Do Not Connect
7Vin
8Vin
9Vin
Pin Function
10
Vin
11
Vin
12
Remote Sense Gnd (4)
13
GND
14GND
15
GND
16
GND
17
GND
18
GND
Description
The PT7708 is a next generation
“Big Hammer”, a high-performance
Integrated Switching Regulator (ISR),
which is made available in Power
Trends’ aluminum 27-pin SIP pack-
age. The PT7708 improves on the
popular PT7706 with 20A of output
current and short circuit protection.
The PT7708 is suitable for exist-
ing 5V system designs that require
power for the latest high-speed, low-
voltage µPs, and bus drivers.
The PT7708 output is program-
mable from 1.3V to 2.05V with a
4-bit input, which is compatible with
the Intel PentiumProcessor. A differ-
ential remote sense is also provided to
compensate for voltage drop between
the ISR and load.
Only 330µF of output capacitance
are required for proper operation.
Cin = Required 1500µF electrolytic
Cout= Required 330µF electrolytic
L1 = Optional 1µH input choke
Pin Function
19
GND
20
Vout
21
Vout
22
Vout
23
Vout
24Vout
25
Vout
26
Remote Sense Vout
27
Sync Out
C
IN
+
C
OUT
+
LOAD
V
IN
VID0
VID1
VID2
VID3
V
OUT
GND
GND
SYNC OUT
STBY*
L1
1H
REMOTE SENSE ( )
REMOTE SENSE (+)
PROGRAMMING PINS
PT7708
4
321
26
20-25
12
5
13-19
27
7-11
Vo
Vin
GND
SNS(+)
SNS(-)
Synch
Out
STBY
VID3 - VID0
PT7708—3.3V
20 Amp Programmable
Next Generation “Big Hammer”
SLTS083
(Revised 6/30/2000)
Specifications
Characteristics
PT7708 SERIES
(T
a = 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Ta = +60°C, 200 LFM, pkg N
0.1(1)
—19
A
Ta = +25°C, natural convection
0.1(1)
—20
Input Voltage Range
Vin
0.1A
≤ Io ≤ 20A
3.1
—
3.6
V
Output Voltage Tolerance
∆Vo
Vin = +3.3V, Io = 20A
Vo-0.03
—
Vo+0.03
V
0°C
≤ Ta ≤ +65°C
Line Regulation
Regline
3.1V
≤ Vin ≤ 3.6V, Io = 20A
—
±10
—
mV
Load Regulation
Regload
Vin = +3.3V, 0.1
≤ Io ≤ 20A
—
±10
—
mV
Vo Ripple/Noise
Vn
Vin = +3.3V, Io = 20A
—
50
—
mV
Transient Response
ttr
Io step between 10A and 20A
—
50
—
µSec
with Cout = 330µF
Vos
Vo over/undershoot
—
100
—
mV
Efficiency
η
Vin = +3.3V, Io = 10A
Vo = 1.8V
—
85
—
%
Vo = 1.5V
—
82
—
Vin = +3.3V, Io = 20A
Vo = 1.8V
—
78
—
%
Vo = 1.5V
—
74—
Switching Frequency
ƒo
3.1V
≤ Vin ≤ 3.6V
300
350
400
kHz
0.1A
≤ Io ≤ 20A
Absolute Maximum
Ta
Over Vin and Io Ranges
–40 (2)
—+85 (3)
°C
Operating Temperature Range
Storage Temperature
Ts
—
–40
—
+125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3
1 msec, Half Sine, mounted to a fixture
—
500
—
G’s
Mechanical Vibration
Per Mil-STD-883D, Method 2007.2,
—
10
—
G’s
20-2000 Hz, Soldered in a PC board
Weight
—
Vertical/Horizontal
—
31/41
—
grams
Notes: (1) ISR-will operate down to no load with reduced specifications.
(2) For operation below 0°C, Cin and Cout must have stable characteristics. Use either low ESR tantalum or Oscon® capacitors.
(3) See Safe Operating Area curves or contact the factory for the appropriate derating.
(4) If the Remote Sense Ground is not used, pin 12 must be connected to pin 13 for optimum output voltage accuracy.
External Capacitors: The PT7708 requires a minimum output capacitance of 330µF for proper operation. The PT7708 also requires an input capacitance of 1500µF,
which must be rated for a minimum of 1.4Arms of ripple current. For transient or dynamic load applications, additional capacitance may be required. For more
information refer to the application note regarding capacitor selection for this product.
Input Filter: An input filter inductor is optional for most applications. The inductor must be sized to handle 20ADC with a typical value of 1µH.


Similar Part No. - PT7708

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7708 TI-PT7708 Datasheet
131Kb / 4P
20 Amp Programmable Next Generation Big Hammer
PT7708 TI-PT7708 Datasheet
102Kb / 4P
20 Amp Current Booster for PT7708 Integrated Switching Regulator
More results

Similar Description - PT7708

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7073 NTE-NTE7073 Datasheet
19Kb / 2P
Integrated Circuit Hybrid Switching Regulator
NTE7109 NTE-NTE7109 Datasheet
40Kb / 5P
Integrated Circuit Switching Regulator Control
NTE7125 NTE-NTE7125 Datasheet
24Kb / 3P
Integrated Circuit Switching Regulator
logo
ON Semiconductor
NCP1000 ONSEMI-NCP1000 Datasheet
115Kb / 16P
Integrated Off-Line Switching Regulator
December, 2003 ??Rev. 7
NCP1000 ONSEMI-NCP1000_06 Datasheet
126Kb / 14P
Integrated Off?묹ine Switching Regulator
February, 2006 ??Rev. 8
logo
NTE Electronics
NTE7046 NTE-NTE7046 Datasheet
24Kb / 2P
Integrated Circuit Hybrid Switching Regulator
NTE7166 NTE-NTE7166 Datasheet
30Kb / 3P
Integrated Circuit Flyback Switching Regulator
logo
Texas Instruments
PT7707 TI1-PT7707_08 Datasheet
226Kb / 5P
INTEGRATED SWITCHING REGULATOR
logo
Maxim Integrated Produc...
MAX20745 MAXIM-MAX20745 Datasheet
1Mb / 26P
Integrated, Step-Down Switching Regulator
2020
logo
Renesas Technology Corp
RAA211650 RENESAS-RAA211650 Datasheet
3Mb / 35P
60V 5A Integrated Switching Regulator
May 6, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com