Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBLPROG0 Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # CBLPROG0
Description  Enhanced Data Station Plus & Modular Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CBLPROG0 Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  CBLPROG0 Datasheet HTML 1Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data Station Plus & Modular Controller
Red Lion Automation Series
Enhanced Data Station Plus & Modular Controller
FEATURES & BENEFITS
> Provides email and SMS text message alerts
> USB host port to download the unit’s configuration from a PC or for data transfers to a PC
> 10 BASE-T/100 BASE-TX Ethernet connection can connect to an unlimited number of devices via ten protocols
simultaneously
> CSMSTRZR performs hierarchical control of other modules in the modular controller series
> CSMSTRZR supports up to 16 CS-Series modules to accept digital and analog signals
PRODUCT HIGHLIGHTS
> Protocol conversion feature converts numerous
protocols simultaneously
> 250+ communications drivers for communicating
directly with PLCs, drives, etc.
> Data logging; syncs data logs to FTP servers and
Microsoft SQL Server®
> Built-in webserver allows remote view or control
from any internet connected PC
> USB host capabilities
The Red Lion DSP and CSMSTR Series are
designed to act as the nexus for industrial data
collection and management.
The units offer protocol conversion, data logging, and remote machine access.
With three built-in serial ports and a 10 Base-T/100 Base-TX Ethernet port, the
units perform protocol conversion, allowing disparate devices to communicate
seamlessly with one another. The Ethernet port supports up to ten protocols
simultaneously so even Ethernet to Ethernet protocols can be converted.
These units leverage over 250 communication drivers via three independent
serial ports and an Ethernet port, to connect and collect data from virtually any
PLC, drive, bar code scanner, etc.
APPLICATION DIAGRAM
APPLICATIONS
> Transportation
> Oil & Gas
> Mining
> Maritime
> Factory Floor
Mobile
Phone
Drive
Square D PLC
Mitsubishi PLC
USB
Barcode Reader
USB Keyboard
USB
Thumb
Compact Flash
TRANSFER
LOGGING
Text Msg (SMS)
Red Lion
Panel Meter
Siemens® PLC
Drive
Allen-Bradley PLC
Red Lion
DSPZR
N-Tron 716TX
Industrial Ethernet Switch
Red Lion
Modular Controller
CSMSTRZR


Similar Part No. - CBLPROG0

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
CBLPROG0 REDLION-CBLPROG0 Datasheet
689Kb / 8P
GRAPHIC LCD OPERATOR INTERFACE TERMINAL WITH VGA DISPLAY AND TOUCHSCREEN
CBLPROG0 REDLION-CBLPROG0 Datasheet
1Mb / 8P
10.4" COLOR TOUCHSCREEN
CBLPROG0 REDLION-CBLPROG0 Datasheet
1Mb / 16P
MODEL CUB짰5 - MINIATURE ELECTRONIC 8-DIGIT DUAL COUNTER AND RATE INDICATOR
More results

Similar Description - CBLPROG0

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB7110 SIEMENS-PSB7110 Datasheet
1Mb / 164P
Enhanced ISDN Data Access Controller ISAR
PSB7115 SIEMENS-PSB7115 Datasheet
2Mb / 264P
Enhanced ISDN Data Access Controller ISAR 34
SDA9361 SIEMENS-SDA9361 Datasheet
237Kb / 47P
DDC-PLUS-Deflection Controller
SDA9362 SIEMENS-SDA9362 Datasheet
199Kb / 39P
DDC-PLUS-Deflection Controller
logo
Advanced Micro Devices
AM79C985 AMD-AM79C985 Datasheet
260Kb / 48P
enhanced Integrated Multiport Repeater Plus (eIMR??
logo
Omron Electronics LLC
E5ZN OMRON-E5ZN Datasheet
1Mb / 13P
Modular Temperature Controller
logo
Tyco Electronics
RJ11-2LC1-S MACOM-RJ11-2LC1-S Datasheet
249Kb / 6P
Filtered Modular Jacks with Enhanced Performance
RJ11-2LC1-S MACOM-RJ11-2LC1-S_11 Datasheet
285Kb / 6P
Filtered Modular Jacks with Enhanced Performance
logo
List of Unclassifed Man...
AX101852 ETC2-AX101852 Datasheet
93Kb / 3P
Modular Connectors - Termination Station
logo
Red Lion Controls. Inc
XCHSPA00 REDLION-XCHSPA00 Datasheet
659Kb / 4P
MODEL XCHSPA ??HSPA CELLULAR MODEM OPTION CARD FOR DATA STATION PLUS, MODULAR CONTROLLER AND PTV
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com