Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20150C Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MBR20150C
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR20150C Datasheet(HTML) 3 Page - Diodes Incorporated

  MBR20150C Datasheet HTML 1Page - Diodes Incorporated MBR20150C Datasheet HTML 2Page - Diodes Incorporated MBR20150C Datasheet HTML 3Page - Diodes Incorporated MBR20150C Datasheet HTML 4Page - Diodes Incorporated MBR20150C Datasheet HTML 5Page - Diodes Incorporated MBR20150C Datasheet HTML 6Page - Diodes Incorporated MBR20150C Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MBR20150C
Document number: DS37333 Rev. 3 - 2
3 of 7
www.diodes.com
June 2014
© Diodes Incorporated
MBR20150C
Marking Information (Cont.)
(2)
TO-220F-3 (Option 1)
(Front View)
Maximum Ratings (Per Diode Leg) (Note 7)
Characteristic
Symbol
Rating
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
150
V
Average Rectified Forward Current
(Rated VR) TC = +134C
IF(AV)
10
A
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20kHz) TC = +133C
IFRM
20
A
Non Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Half Wave,
Single Phase, 60Hz)
IFSM
TBD
A
Operating Junction Temperature (Note 8)
TJ
+150
oC
Storage Temperature Range
TSTG
-55 to +150
oC
Voltage Rate of Change (Rated VR)
dv/dt
TBD
V/µs
ESD (Machine Model = C)
–
>400
V
ESD (Human Body Model = 3B)
–
>8000
V
Notes:
7.
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
8. The heat generated must be less than the thermal conductivity from Junction to Ambient: dPD/dTJ < 1/θJA.
XXXXXXXX
XXX-XX
YWWAXX
First and Second Lines: Logo and Marking ID
(See Ordering Information)
Third Line: Date Code
Y: Year
WW: Work Week of Molding
A: Assembly House Code
XX: 7th and 8th Digits of Batch Number



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com