Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20150C Datasheet(PDF) 4 Page - Diodes Incorporated

Part # MBR20150C
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR20150C Datasheet(HTML) 4 Page - Diodes Incorporated

  MBR20150C Datasheet HTML 1Page - Diodes Incorporated MBR20150C Datasheet HTML 2Page - Diodes Incorporated MBR20150C Datasheet HTML 3Page - Diodes Incorporated MBR20150C Datasheet HTML 4Page - Diodes Incorporated MBR20150C Datasheet HTML 5Page - Diodes Incorporated MBR20150C Datasheet HTML 6Page - Diodes Incorporated MBR20150C Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MBR20150C
Document number: DS37333 Rev. 3 - 2
4 of 7
www.diodes.com
June 2014
© Diodes Incorporated
MBR20150C
Thermal Characteristics
Characteristic
Symbol
Rating
Unit
Maximum Thermal Resistance (Junction to Case)
(Note 9)
R
θJC
TO-220-3 (2)
2.0
oC/W
TO-220F-3 (Option 1)
3.0
Maximum Thermal Resistance (Junction to Ambient)
(Note 9)
R
θJA
TO-220-3 (2)
60
oC/W
TO-220F-3 (Option 1)
60
Note 9:
Device mounted on heat sink, with minimum recommended pad layout per http://www.diodes.com
Electrical Characteristics
Characteristic
Symbol
Rating
Unit
Test Condition
Maximum Instantaneous Forward Voltage Drop
(Note 10)
VF
0.9
V
IF = 10A, TC = +25C
0.75
IF = 10A, TC = +125C
Maximum Instantaneous Reverse Current (Note 10)
IR
20
mA
Rated DC Voltage, TC = +125C
0.05
Rated DC Voltage, TC = +25C
Note 10:
Short duration pulse test used to minimize self-heating effect, Pulse Test: Pulse Width = 300µ
s, Duty Cycle ≤ 2.0%.
Figure 1. Typical Forward Voltage Per Diode
Figure 2. Typical Reverse Current Per Diode
Figure 3. Average Rectified Forward Current vs.
Case Temperature (Square, Per Diode)
0.01
0.1
1
10
100
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
T
J
=150
oC
T
J
=125
oC
Instantaneous Forward Voltage (V)
T
J
=25
oC
0
20
40
60
80
100
120
140
160
0.01
0.1
1
10
100
1000
10000
T
J
=150
oC
T
J
=125
oC
Reverse Voltage (V)
T
J
=25
oC
90
100
110
120
130
140
150
160
0
5
10
15
20
Note 9
T
C
, Case Temperature (
oC)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com