Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLK2501IPZP Datasheet(PDF) 8 Page - Texas Instruments

Part # SLK2501IPZP
Description  OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLK2501IPZP Datasheet(HTML) 8 Page - Texas Instruments

Back Button SLK2501IPZP Datasheet HTML 4Page - Texas Instruments SLK2501IPZP Datasheet HTML 5Page - Texas Instruments SLK2501IPZP Datasheet HTML 6Page - Texas Instruments SLK2501IPZP Datasheet HTML 7Page - Texas Instruments SLK2501IPZP Datasheet HTML 8Page - Texas Instruments SLK2501IPZP Datasheet HTML 9Page - Texas Instruments SLK2501IPZP Datasheet HTML 10Page - Texas Instruments SLK2501IPZP Datasheet HTML 11Page - Texas Instruments SLK2501IPZP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SLK2501
OC48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLLS502A – OCTOBER 2001 – REVISED NOVEMBER 2001
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description (continued)
Table 4. Programmable De-emphasis
PRE1
PRE2
DE-EMPHASIS LEVEL
(Vodp/Vodd†–1)
0
0
De-emphasis disabled
1
0
10%
0
1
20%
1
1
30%
† Vodp: Differential voltage swing when there is a transition in the data stream.
Vodd: Differential voltage swing when there is no transition in the data stream.
V(ODd)
V(ODp)
V(ODp)
V(ODd)
Bit
Time
Bit
Time
0
Figure 1. Output Differential Voltage Under De-emphasis
LVDS parallel data interface
The parallel data interface consists of a 4-bit parallel LVDS data and clock. The device conforms to OIF99.102
specification when operating at the OC-48 rate. When operating at lower serial rates the clock and data
frequency are scaled down accordingly, as indicated in Table 1. The parallel data TXDATA[0:3] is latched on
the rising edge of the TXCLK and then is sent to a data FIFO to resolve any phase difference between TXCLK
and REFCLK. If there is a FIFO overflow condition, the pin SPILL is set high. The FIFO resets itself to realign
between two clocks. The internal PLL for the clock synthesizer is locked to the REFCLK, and it is used as the
timing to serialize the parallel data(except for the loop timing mode where the recovered clock is used). On the
receive side, RXDATA[0:3] is updated on the rising edge of RXCLK. Figures 7 and 8 show the timing diagram
for the parallel interface.
The SLK2501 also has a built-in parity checker and generator for error detection of the LVDS interface. On the
transmit side, it accepts the parity bit, TXPARP/N, and performs the parity checking function for even parity. If
an error is detected, it pulses the PAR_VALID pin low for two clock cycles. On the receive side, the parity bit,
RXPARP/N, is generated for the downstream device for parity error checking.
Differential termination 100-
Ω resistors are included on-chip between TXDATAP/N and TXCLKP/N.
reference clock
The device accepts a 622.08 MHz clock. The REFCLK input is compatible with the LVDS level and also the 3.3-V
LVPECL level using ac-coupling. A 100-
Ω differential termination resistor is included on-chip, as well as a dc
biasing circuit (3 k
Ω to VDD and 4.5 kΩ to GND) for the ac-coupled case. A high quality REFCLK must be used
on systems required to meet SONET/SDH standards. For non-SONET/SDH compliant systems, loose
tolerances may be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com