Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLK2501IPZP Datasheet(PDF) 1 Page - Texas Instruments

Part # SLK2501IPZP
Description  OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLK2501IPZP Datasheet(HTML) 1 Page - Texas Instruments

  SLK2501IPZP Datasheet HTML 1Page - Texas Instruments SLK2501IPZP Datasheet HTML 2Page - Texas Instruments SLK2501IPZP Datasheet HTML 3Page - Texas Instruments SLK2501IPZP Datasheet HTML 4Page - Texas Instruments SLK2501IPZP Datasheet HTML 5Page - Texas Instruments SLK2501IPZP Datasheet HTML 6Page - Texas Instruments SLK2501IPZP Datasheet HTML 7Page - Texas Instruments SLK2501IPZP Datasheet HTML 8Page - Texas Instruments SLK2501IPZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SLK2501
OC48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLLS502A – OCTOBER 2001 – REVISED NOVEMBER 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Fully Integrated SONET/SDH Transceiver to
Support Clock/Data Recovery and
Multiplexer/Demultiplexer Functions
D Supports OC-48, OC-24, OC-12, Gigabit
Ethernet and OC-3 Data Rate With Autorate
Detection
D Supports Transmit Only, Receiver Only,
Transceiver and Repeater Functions in a
Single Chip Through Configuration Pins
D Supports SONET/SDH Frame Detection
D On-Chip PRBS Generation and Verification
D Supports 4-Bit LVDS (OIF99.102) Electrical
Interface
D Parity Checking and Generation for the
LVDS Interface
D Single 2.5-V Power Supply
D Interfaces to Back Plane, Copper Cables, or
Optical Modules
D Hot Plug Protection
D Low Jitter PECL Compatible Differential
Serial Interface With Programmable
De-Emphasis for the Serial Output
D On-Chip Termination for LVDS and PECL
Compatible Interface
D Receiver Differential Input Thresholds
150 mV Min
D Supports SONET Loop Timing
D Low Power <900 mW at OC-48 Rate
D ESD Protection >2 kV
D 622-MHz Reference Clock
D Maintains Clock Output in Absence of Data
D Local and Remote Loopback
D 100-Pin PZP Package With PowerPad
Design
description
The SLK2501 is a single chip multirate transceiver IC used to derive high speed timing signals for SONET/SDH
based equipment. The chip performs clock and data recovery, serial-to-parallel/parallel-to-serial conversion
and frame detection function conforming to the SONET/SDH standards.
The device can be configured to operate under OC-48, OC-24, OC-12, or OC-3 data rates through the rate
selection pins or the autorate detection function. An external reference clock operating at 622.08 MHz is
required for the recovery loop, and it also provides a stable clock source in the absence of serial data transitions.
The SLK2501 accepts 4 bit LVDS parallel data/clock and generates a NRZ SONET/SDH-compliant signal at
OC-3, OC-12, OC-24 or OC-48 rates. It also recovers the data and clock from the serial SONET stream and
demultiplexes it into 4-bit LVDS parallel data for full duplex operation. TXDATA0 and RXDATA0 are the first bits
that are transmitted and received in time, respectively. The serial interface is a low jitter, PECL compatible
differential interface.
The SLK2501 provides a comprehensive suite of built-in tests for self-test purposes including local and remote
loopback and PRBS (27-1) generation and verification.
The device comes in a 100-pin VQFP package that requires a single 2.5-V supply with 3.3-V tolerant inputs on
the control pins. The SLK2501 is very power efficient, dissipating less than 900 mW at 2.488 Gbps, the OC-48
data rate, and it is characterised for operation from –40
°C to 85°C.
AVAILABLE OPTIONS
PACKAGE
TA
PowerPAD QUAD
(PZP)
–40
°C to 85°C
SLK2501IPZP
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.


Similar Part No. - SLK2501IPZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLK2501IPZP TI1-SLK2501IPZP Datasheet
516Kb / 22P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2501IPZPG4 TI1-SLK2501IPZPG4 Datasheet
516Kb / 22P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
More results

Similar Description - SLK2501IPZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLK2721 TI-SLK2721 Datasheet
300Kb / 21P
OC-48FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2511 TI-SLK2511 Datasheet
303Kb / 21P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2701 TI-SLK2701 Datasheet
298Kb / 21P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
DB Lectro Inc
SLK2511B DBLECTRO-SLK2511B Datasheet
573Kb / 21P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
Texas Instruments
SLK2511B TI-SLK2511B Datasheet
528Kb / 21P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2511A TI1-SLK2511A Datasheet
695Kb / 22P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2511C TI1-SLK2511C Datasheet
699Kb / 22P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2721PZP TI1-SLK2721PZP Datasheet
508Kb / 22P
OC-48 FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2501 TI1-SLK2501_16 Datasheet
516Kb / 22P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2511C TI1-SLK2511C_13 Datasheet
573Kb / 22P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com