Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA2153FN Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TA2153FN
Description  RF Amplifier for Digital Servo CD System
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2153FN Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TA2153FN Datasheet HTML 1Page - Toshiba Semiconductor TA2153FN Datasheet HTML 2Page - Toshiba Semiconductor TA2153FN Datasheet HTML 3Page - Toshiba Semiconductor TA2153FN Datasheet HTML 4Page - Toshiba Semiconductor TA2153FN Datasheet HTML 5Page - Toshiba Semiconductor TA2153FN Datasheet HTML 6Page - Toshiba Semiconductor TA2153FN Datasheet HTML 7Page - Toshiba Semiconductor TA2153FN Datasheet HTML 8Page - Toshiba Semiconductor TA2153FN Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TA2153FN
2003-01-18
2
Block Diagram
LDC
GVSW
Mode
SEB
Bottom Detect
Peak Detect
SEL
SW1
SW2
SW3
RFRP Detect
Frequency
GND
CD-RW
GND
ON
ON
GND
ON
OFF
OFF
Low
HiZ
HiZ
ON
ON
HiZ
OFF
ON
ON
Low
VCC
Normal
VCC
OFF
ON
VCC
OFF
ON
ON
High
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
RFN2
GND
RFO
AGCIN
GVSW
RFGO
RFRPIN
PKC
RFCT
BTC
RFRP
VRO
SEB
FEN
FEO
SBAD
TEO
TEN
TEB
SEL
2VRO
LDO
MDI
TNI
TPI
FPI
FNI
GMAD
RFGC
VCC
15 pF
15 pF
238 k
9
238 k
9
13 k
9
2.26 k
9
1.4 k
9
1 k
9
83 k
9
2.9 k
9
48 k
9
3 STATE
DET.
20 k
9
3 pF
10 k
9
10 k
9
50 k
9
36 pF
15 k
9
15 k
9
10 pF
1 k
9
40 pF
150 k
9
60 k
9
20 k
9
20 k
9
20 k
9
12 k
9
12 k
9
BOTTOM
PEAK
AGC Amp.
100
9
11 k
9
11 k
9
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
1 k
9
SW1
SW2
SW3
20 k
9
10 k
9
30 k
9
20 k
9
60 k
9
90 k
9
60 k
9
I-I
I-I
I (1/4)
I (3/4)
I (1/4)
I (3/4)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com