Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1564 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA1564
Description  High efficiency 2 X 25 W/4 stereo car radio power amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1564 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA1564 Datasheet HTML 4Page - NXP Semiconductors TDA1564 Datasheet HTML 5Page - NXP Semiconductors TDA1564 Datasheet HTML 6Page - NXP Semiconductors TDA1564 Datasheet HTML 7Page - NXP Semiconductors TDA1564 Datasheet HTML 8Page - NXP Semiconductors TDA1564 Datasheet HTML 9Page - NXP Semiconductors TDA1564 Datasheet HTML 10Page - NXP Semiconductors TDA1564 Datasheet HTML 11Page - NXP Semiconductors TDA1564 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
2004 Jan 27
8
Philips Semiconductors
Preliminary specification
High efficiency 2
× 25 W/4 Ω
stereo car radio power amplifier
TDA1564
Heatsink design
There are two parameters that determine the size of the
heatsink. The first is the rating for the virtual junction
temperature and the second is the ambient temperature at
which the amplifier must still deliver its full power in the
BTL mode.
With a conventional BTL amplifier, the maximum power
dissipation with a music-like signal (at each amplifier) will
be approximately two times 6.5 W. At a virtual junction
temperature of 150
°C and a maximum ambient
temperature of 65
°C, Rth(vj-c) = 1.3 K/W and
Rth(c-h) = 0.2 K/W, the thermal resistance of the heatsink
should be:
Compared to a conventional BTL amplifier, the TDA1564
has a higher efficiency. The thermal resistance of the
heatsink should be:
150
65
–
2
6.5
×
----------------------
1.3
–
0.2
–
5 K/W
=
1.7
145
65
–
2
6.5
×
----------------------

 1.3
–
0.2
–
9 K/W
=
Fig.5 Thermal equivalent resistance network.
handbook, halfpage
3.6 K/W
0.6 K/W
3.6 K/W
virtual junction
OUT 1
OUT 1
case
3.6 K/W
0.6 K/W
3.6 K/W
OUT 2
OUT 2
MGC424
0.1 K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com