Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1564 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA1564
Description  High efficiency 2 X 25 W/4 stereo car radio power amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1564 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA1564 Datasheet HTML 9Page - NXP Semiconductors TDA1564 Datasheet HTML 10Page - NXP Semiconductors TDA1564 Datasheet HTML 11Page - NXP Semiconductors TDA1564 Datasheet HTML 12Page - NXP Semiconductors TDA1564 Datasheet HTML 13Page - NXP Semiconductors TDA1564 Datasheet HTML 14Page - NXP Semiconductors TDA1564 Datasheet HTML 15Page - NXP Semiconductors TDA1564 Datasheet HTML 16Page - NXP Semiconductors TDA1564 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
2004 Jan 27
13
Philips Semiconductors
Preliminary specification
High efficiency 2
× 25 W/4 Ω
stereo car radio power amplifier
TDA1564
TEST AND APPLICATION INFORMATION
handbook, full pagewidth
MGW247
3
CIN
25 k
Ω
60
k
Ω
60
k
Ω
60
k
Ω
60
k
Ω
Vref
OUT2
−
OUT2
+
10
11
CSE
4
2
IN1
−
1
IN1
+
OUT1
+
OUT1
−
8
7
STANDBY
LOGIC
CLIP AND
DIAGNOSTIC
612
14
15
MODE
OC2
OC1
DIAG
9
GND
VP2
13
VP1
5
TDA1564J
10
µF
1000
µF
220 nF
0.5Rs
220 nF
0.5Rs
+
−
+
−
Vms
VP
Vlogic
Rpu
16
IN2
−
17
IN2
+
220 nF
0.5Rs
100 nF
100 nF
3.9
Ω
4
Ω
3.9
Ω
100 nF
100 nF
3.9
Ω
4
Ω
3.9
Ω
220 nF
0.5Rs
+
−
+
−
220 nF
2200
µF
signal ground
power ground
22
µF
22
µF
Fig.9 Application diagram (TDA1564J).
Connect Boucherot filter to pin 8 or pin 10 with the shortest possible connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com