Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPC817 Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KPC817
Description  SEMICONDUCTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KPC817 Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KPC817 Datasheet HTML 1Page - KEC(Korea Electronics) KPC817 Datasheet HTML 2Page - KEC(Korea Electronics) KPC817 Datasheet HTML 3Page - KEC(Korea Electronics) KPC817 Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2016. 05. 30
4/4
KPC817 Series
Revision No : 2
0.5
1
10
100
-20
0
-10
40
Frequency Response
Frequency f (kHz)
500
0
10
1
0.07
0.1
110
Response Time vs. Load Resistance
Load Resistance RL (k )
100
500
-25
50
25
75
125
100
0
Ambient Temperature ( C)
Collector Dark Current vs.
Ambient Temperature
VCE=2V
IC=2mA
VCE=20V
Ta=25 C
VCE=2V
IC=2mA
Ta=25 C
10
-5
10
-6
10
-7
10
-8
10
-9
10
-10
10
-11
Collector-Emitter Saturation Voltage vs.
Ambient Temperature
Ambient Temperature ( C)
-25
50
25
75
125
100
0
0.06
0.04
0.02
0.16
0.14
0.12
0.10
0.08
0
IF=20mA
IC=1mA
ts
td
tf
R
L=10k
1k
100
tr
15
510
0
0
2
4
5
3
1
6
Collector-Emitter Saturation Voltage vs.
Forward Current
Forward Current IF (mA)
TEST Circuit for Response Time
Ta=25 C
IC=0.5mA
1mA
3mA
5mA
7mA
10%
90%
Input
Output
Input
Output
td
tS
tr
tf
VCC
RD
RL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com