Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPC817 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KPC817
Description  SEMICONDUCTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KPC817 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KPC817 Datasheet HTML 1Page - KEC(Korea Electronics) KPC817 Datasheet HTML 2Page - KEC(Korea Electronics) KPC817 Datasheet HTML 3Page - KEC(Korea Electronics) KPC817 Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2016. 05. 30
1/4
SEMICONDUCTOR
TECHNICAL DATA
KPC817 Series
PHOTO COUPLER
Revision No : 2
1-CHANNEL TRANSISTOR OUTPUT TYPE PHOTO COUPLER
The KPC817 Series contains a light emitting diode optically coupled to
a phototransistor. Input-output isolation voltage is 5000Vrms. Response
time(tr) is typically 4us and minimum CTR is 50% at input current of
5mA.
FEATURES
・Collector-Emitter Voltage : Min.80V
・Current Transfer Ratio
(CTR : MIN. 50% at IF=5mA, VCE=5V).
・High isolation voltage between input and output.
(VISO=5,000Vrms)
・Safety approval.
-UL and cUL : No.E177885
-VDE : No.40043394
-CQC : No.15001137903
APPLICATIONS
・Feedback circuit in power supply.
・Switching Mode Power Supply.
・System appliances, Measuring instruments.
・Registers, Copiers, Automatic vending machines.
・Electric home applicances such as fan heaters, etc.
DIP-4
0.5TYP.
4.6
0.5
+
_
7.62
0.3
+
_
7.62~9.98
0.5
0.1
+
_
2.54
0.25
+
_
0.26
DIP-4 (M)
4.6
0.5
+
_
7.62
0.3
+
_
10.16
0.5
+
_
0.5
0.1
2.54
0.25
+
_
0.26
DIP-4(S)
4.6
0.5
+
_
7.62
0.3
+
_
10.16
0.5
+
_
2.54
0.25
+
_
1
0.25
+
_
1.2
0.1
+
_
RANK TABLE OF CURRENT TRANSFER RATIO(CTR)
BLOCK DIAGRAM AND PIN CONFIGURATIONS (TOP VIEW)
1. ANODE
2. CATHODE
3. EMITTER
4. COLLECTOR
1
2
3
4
RANK MARK
CTR (%)
TEST CONDITION
(None)
50~600
IF=5mA, VCE=5V, Ta=25℃
A
80~160
B
130~260
C
200~400
D
300~600
L
50~100
KPC817M
KPC817S
KPC817P


Similar Part No. - KPC817

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KPC814 KODENSHI-KPC814 Datasheet
140Kb / 3P
Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC814A KODENSHI-KPC814A Datasheet
164Kb / 3P
Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC814L KODENSHI-KPC814L Datasheet
144Kb / 3P
Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
logo
COSMO Electronics Corp...
KPC815 COSMO-KPC815 Datasheet
371Kb / 2P
High Reliability Photocoupler
KPC8150ETLD COSMO-KPC8150ETLD Datasheet
287Kb / 11P
4PIN PHOTODARLINGTON PHOTOCOUPLER
More results

Similar Description - KPC817

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
SEMICONDUCTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com