Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z5W27VC Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # Z5W27VC
Description  ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

Z5W27VC Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  Z5W27VC Datasheet HTML 1Page - KEC(Korea Electronics) Z5W27VC Datasheet HTML 2Page - KEC(Korea Electronics) Z5W27VC Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LEAD TEMPERATURE T
L , AMBIENT TEMPERATURE Ta (℃)
P - T
L , Ta
105
0.1
1
10
100
104
103
102
101
Rectangular
Pulse
P
tW
10
1,000
TA = 25℃
Pulse Width (td) is defined as
the point where the peak
current decays to 50% of IPP
td
PULSE WIDTH
t
W (ms)
P
RSM
-
t
W
Typical
Ta=25
℃
26
27
28
29
30
31
32
105
104
103
102
101
I
Z
- V
Z
Pulse Waveform
Reverse Power Capability
10
20
30
40
0
0
150
100
50
Peak Value IPP
Half Value
2
IPP
tr = 10µS
0
2
1
3
4
5
6
7
8
9
50
100
150
200
0
T
L-P
Ta-P
Size
Glass/Epoxy
Substrate
Solder round
a
10mm
Substrate
Size
b
50mm
Thickness
c
1.5mm
Z5W27VC
ZENER DIODE SILICON
DIFFUSED-JUNCTION TYPE
SEMICONDUCTOR
TECHNICAL DATA
2015.10.15
Revision No: O
PULSE WIDTH
t
W (ms)
ZENER VOLTAGE V
Z (V)
PULSE WIDTH
t
W (ms) – 1/2 IPP Exponential Waveform
10,000
100
DESIGN RECOMMENDED REGION



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com