Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z5W27VC Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # Z5W27VC
Description  ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

Z5W27VC Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  Z5W27VC Datasheet HTML 1Page - KEC(Korea Electronics) Z5W27VC Datasheet HTML 2Page - KEC(Korea Electronics) Z5W27VC Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rth(j-D) : Transient Thermal
Resistance between junction
And anode electrode
Rth(j-a)
Rth(j-D)
1m
10
1
100
1000
0.01
10m
100m
0.1
1.0
10
100
Typical
Ta=25℃
0
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1
10
100
Rth
- t
I
F
- V
F
Z5W27VC
ZENER DIODE SILICON
DIFFUSED-JUNCTION TYPE
SEMICONDUCTOR
TECHNICAL DATA
2015.10.15
Revision No: O
TIMT t (S)
FORWARD VOLTAGE V
F (V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com