Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5525-AP Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS5525-AP
Description  16 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5525-AP Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS5525-AP Datasheet HTML 19Page - Cirrus Logic CS5525-AP Datasheet HTML 20Page - Cirrus Logic CS5525-AP Datasheet HTML 21Page - Cirrus Logic CS5525-AP Datasheet HTML 22Page - Cirrus Logic CS5525-AP Datasheet HTML 23Page - Cirrus Logic CS5525-AP Datasheet HTML 24Page - Cirrus Logic CS5525-AP Datasheet HTML 25Page - Cirrus Logic CS5525-AP Datasheet HTML 26Page - Cirrus Logic CS5525-AP Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
CS5525 CS5526
DS202F3
23
to the converters is extremely overranged. If the OD
bit is set, the conversion data bits can be completely
erroneous. The OD flag bit will be cleared to logic 0
when the modulator becomes stable. Table 6 illus-
trates the output coding for the CS5525/26.
Power Consumption
The CS5525/26 accommodate four power con-
sumption modes: normal, low power, standby, and
sleep. The normal mode, the default mode, is en-
tered after a power-on-reset and typically con-
sumes 9.4 mW. The low power mode is an alternate
mode that reduces the consumed power to 4.9 mW.
It is entered by setting bit D16 (the low power
mode bit) in the configuration register to logic 1.
Since the converter’s noise performance improves
with increased power consumption, slightly de-
graded noise or linearity performance should be ex-
pected in the low power mode. The final two modes
are referred to as the power save modes. They pow-
er down most of the analog portion of the chips and
stop filter convolutions. The power save modes are
entered whenever the PS/R bit and the CB bit of the
command word are set to logic 1.
The particular
power save mode entered depends on state of bit
D4 (the Power Save Select bit) in the configuration
register. If D4 is logic 0, the converters enters the
standby mode reducing the power consumption to
1.2mW. The standby mode leaves the oscillator
and the on-chip bias generator running. This allows
the converters to quickly return to the normal or
low power mode once the PS/R bit is set back to a
logic 1. If D4 in the configuration register and CB
and PS/R in the command word are set to logic 1,
the sleep mode is entered reducing the consumed
power to less than 500 µW. Since the sleep mode
disables the oscillator, approximately a 500ms os-
cillator start-up delay period is required before re-
turning to the normal or low power mode.
PCB Layout
The CS5525/26 should be placed entirely over an
analog ground plane with both the AGND and
DGND pins of the device connected to the analog
plane. Place the analog-digital plane split immedi-
ately adjacent to the digital portion of the chip.
Note: VFS in the table equals the voltage between ground and full scale for any of the unipolar gain ranges, or the
voltage between
± full scale for any of the bipolar gain ranges. See text about error flags under overrange
conditions.
Unipolar Input
Voltage
Offset
Binary
Bipolar Input
Voltage
Two's
Complement
Unipolar Input
Voltage
Offset
Binary
Bipolar Input
Voltage
Two's
Complement
>(VFS-1.5 LSB)
FFFF
>(VFS-1.5 LSB)
7FFF
>(VFS-1.5 LSB) FFFFF
>(VFS-1.5 LSB)
7FFFF
VFS-1.5 LSB
FFFF
-----
FFFE
VFS-1.5 LSB
7FFF
-----
7FFE
VFS-1.5 LSB
FFFFF
-----
FFFFE
VFS-1.5 LSB
7FFFF
-----
7FFFE
VFS/2-0.5 LSB
8000
-----
7FFF
-0.5 LSB
0000
-----
FFFF
VFS/2-0.5 LSB
80000
-----
7FFFF
-0.5 LSB
00000
-----
FFFFF
+0.5 LSB
0001
-----
0000
-VFS+0.5 LSB
8001
-----
8000
+0.5 LSB
00001
-----
00000
-VFS+0.5 LSB
80001
-----
80000
<(+0.5 LSB)
0000
<(-VFS+0.5 LSB)
8000
<(+0.5 LSB)
00000
<(-VFS+0.5 LSB)
80000
Table 6. 5525/26 Output Coding
CS5525 16-Bit Output Coding
CS5526 20-Bit Output Coding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com