Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5525-AP Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS5525-AP
Description  16 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5525-AP Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS5525-AP Datasheet HTML 21Page - Cirrus Logic CS5525-AP Datasheet HTML 22Page - Cirrus Logic CS5525-AP Datasheet HTML 23Page - Cirrus Logic CS5525-AP Datasheet HTML 24Page - Cirrus Logic CS5525-AP Datasheet HTML 25Page - Cirrus Logic CS5525-AP Datasheet HTML 26Page - Cirrus Logic CS5525-AP Datasheet HTML 27Page - Cirrus Logic CS5525-AP Datasheet HTML 28Page - Cirrus Logic CS5525-AP Datasheet HTML 29Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
CS5525 CS5526
DS202F3
25
Measurement and Reference Inputs
AIN+, AIN- - Differential Analog Input, Pins 3, 4.
Differential input pins into the device.
VREF+, VREF- - Voltage Reference Input, Pins 20, 19.
Fully differential inputs which establish the voltage reference for the on-chip modulator.
NBV - Negative Bias Voltage, Pin 5.
Input pin to supply the negative supply voltage for the 20X gain instrumentation amplifier.
May be tied to AGND if AIN+ and AIN- inputs are centered around +2.5 V; or it may be tied
to a negative supply voltage (-2.1 V typical) to allow the amplifier to handle low level signals
more negative than ground.
CPD - Charge Pump Drive, Pin 8.
Square wave output used to provide energy for the charge pump.
Power Supply Connections
VA+ - Positive Analog Power, Pin 2.
Positive analog supply voltage. Nominally +5 V.
VD+ - Positive Digital Power, Pin 13.
Positive digital supply voltage. Nominally +3.0 V or +5 V.
AGND - Analog Ground, Pin 1.
Analog Ground.
DGND - Digital Ground, Pin 12.
Digital Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com