Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2280 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY2280
Description  100-MHz Pentium II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2280 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY2280 Datasheet HTML 4Page - Cypress Semiconductor CY2280 Datasheet HTML 5Page - Cypress Semiconductor CY2280 Datasheet HTML 6Page - Cypress Semiconductor CY2280 Datasheet HTML 7Page - Cypress Semiconductor CY2280 Datasheet HTML 8Page - Cypress Semiconductor CY2280 Datasheet HTML 9Page - Cypress Semiconductor CY2280 Datasheet HTML 10Page - Cypress Semiconductor CY2280 Datasheet HTML 11Page - Cypress Semiconductor CY2280 Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CY2280
Document #: 38-07207 Rev. *A
Page 9 of 12
Application Information
Clock traces must be terminated with either series or parallel termination, as is normally done.
Application Circuit
Summary
• A parallel-resonant crystal should be used as the reference to the clock generator. The operating frequency and CLOAD of
this crystal should be as specified in the data sheet. Optional trimming capacitors may be needed if a crystal with a different
CLOAD is used. Footprints must be laid out for flexibility.
• Surface mount, low-ESR, ceramic capacitors should be used for filtering. Typically, these capacitors have a value of 0.1
µF.
In some cases, smaller value capacitors may be required.
• The value of the series terminating resistor satisfies the following equation, where Rtrace is the loaded characteristic imped-
ance of the trace, Rout is the output impedance of the clock generator (specified in the data sheet), and Rseries is the series
terminating resistor.
Rseries > Rtrace – Rout
• Footprints must be laid out for optional EMI-reducing capacitors, which should be placed as close to the terminating resistor
as is physically possible. Typical values of these capacitors range from 4.7 pF to 22 pF.
• A Ferrite Bead may be used to isolate the Board VDD from the clock generator VDD island. Ensure that the Ferrite Bead offers
greater than 50
Ω impedance at the clock frequency, under loaded DC conditions. Please refer to the application note “Layout
and Termination Techniques for Cypress Clock Generators” for more details.
• If a Ferrite Bead is used, a 10
µF–22 µF tantalum bypass capacitor should be placed close to the Ferrite Bead. This capacitor
prevents power supply droop during current surges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com